Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XFL3012-222ME Datasheet(PDF) 3 Page - Texas Instruments

Part # XFL3012-222ME
Description  1.2A High Efficient Step Down Converter in 2x2mm SON Package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XFL3012-222ME Datasheet(HTML) 3 Page - Texas Instruments

  XFL3012-222ME Datasheet HTML 1Page - Texas Instruments XFL3012-222ME Datasheet HTML 2Page - Texas Instruments XFL3012-222ME Datasheet HTML 3Page - Texas Instruments XFL3012-222ME Datasheet HTML 4Page - Texas Instruments XFL3012-222ME Datasheet HTML 5Page - Texas Instruments XFL3012-222ME Datasheet HTML 6Page - Texas Instruments XFL3012-222ME Datasheet HTML 7Page - Texas Instruments XFL3012-222ME Datasheet HTML 8Page - Texas Instruments XFL3012-222ME Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TLV62080
www.ti.com
SLVSAK9A
– OCTOBER 2011 – REVISED NOVEMBER 2011
ELECTRICAL CHARACTERISTICS
Over recommended free-air temperature range, TA = -40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted),
VIN=3.6V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2.5
5.5
V
IQ
Quiescent current into VIN
IOUT = 0mA, Device not switching
30
uA
ISD
Shutdown current into VIN
EN = LOW
1
µA
Under voltage lock out
Input voltage falling
1.8
2.0
V
VUVLO
Under voltage lock out hysteresis
Rising above VUVLO
120
mV
TJSD
Thermal shut down
Temperature rising
150
°C
Thermal shutdown hysteresis
Temperature falling below TJSD
20
°C
LOGIC INTERFACE (EN)
VIH
High level input voltage
2.5V
≤ VIN ≤ 5.5V
1
V
VIL
Low level input voltage
2.5V
≤ VIN ≤ 5.5V
0.4
V
ILKG
Input leakage current
0.01
0.5
µA
POWER GOOD
VPG
Power good threshold
VOUT falling referenced to VOUT nominal
–15
–10
–5
%
Power good hysteresis
5
%
VIL
Low level voltage
Isink = 500 µA
0.3
V
IPG,LKG
PG Leakage current
VPG = 5.0 V
0.01
0.1
µA
OUTPUT
VOUT
Output voltage range TLV62080
0.5
4.0
V
VFB
Feedback regulation voltage
VIN ≥ 2.5V and VIN ≥ VOUT + 1V
0.438
0.45
0.462
V
IFB
Feedback input bias current
VFB = 0.45 V
10
100
nA
RDIS
Output discharge resistor
EN = LOW, VOUT = 1.8 V
1
k
High side FET on-resistance
ISW = 500 mA
120
m
RDS(on)
Low side FET on-resistance
ISW = 500 mA
90
m
ILIM
High side FET switch current limit
Rising inductor current
1.6
2.8
4
A
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLV62080


Similar Part No. - XFL3012-222ME

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XFL3012-222ME COILCRAFT-XFL3012-222ME Datasheet
422Kb / 4P
   Shielded Power Inductors
XFL3012-222ME COILCRAFT-XFL3012-222ME Datasheet
232Kb / 4P
   Shielded Power Inductor
XFL3012-222MEB COILCRAFT-XFL3012-222MEB Datasheet
201Kb / 4P
   Shielded Power Inductor ??XFL3012
XFL3012-222MEC COILCRAFT-XFL3012-222MEC Datasheet
201Kb / 4P
   Shielded Power Inductor ??XFL3012
XFL3012-222MED COILCRAFT-XFL3012-222MED Datasheet
201Kb / 4P
   Shielded Power Inductor ??XFL3012
More results

Similar Description - XFL3012-222ME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
TPS62081DSGR TI-TPS62081DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080DSGR TI-TPS62080DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com