Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R60J106M Datasheet(PDF) 10 Page - Texas Instruments

Part # GRM188R60J106M
Description  1.2A High Efficient Step Down Converter in 2x2mm SON Package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GRM188R60J106M Datasheet(HTML) 10 Page - Texas Instruments

Back Button GRM188R60J106M Datasheet HTML 6Page - Texas Instruments GRM188R60J106M Datasheet HTML 7Page - Texas Instruments GRM188R60J106M Datasheet HTML 8Page - Texas Instruments GRM188R60J106M Datasheet HTML 9Page - Texas Instruments GRM188R60J106M Datasheet HTML 10Page - Texas Instruments GRM188R60J106M Datasheet HTML 11Page - Texas Instruments GRM188R60J106M Datasheet HTML 12Page - Texas Instruments GRM188R60J106M Datasheet HTML 13Page - Texas Instruments GRM188R60J106M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TLV62080
SLVSAK9A
– OCTOBER 2011 – REVISED NOVEMBER 2011
www.ti.com
If the output voltage is not reached within the soft start time, such as in the case of heavy load, the converter will
enter regular operation. Consequently, the inductor current limit will operate as described below. The TLV62080
is able to start into a pre-biased output capacitor. The converter starts with the applied bias voltage and ramps
the output voltage to its nominal value.
POWER GOOD
The TLV62080 has a power good output going low when the output voltage is below its nominal value. The
power good keeps high impedance once the output is above 95% of the regulated voltage, and is driven to low
once the output voltage falls below typically 90% of the regulated voltage. The PG pin is a open drain output and
is specified to sink typically up to 0.5mA. The power good output requires a pull up resistor that is recommended
connecting to the device output. When the device is off due to disable, UVLO or thermal shutdown, the PG pin is
at high impedance.
The PG signal can be used for sequencing of multiple rails by connecting to the EN pin of other converters.
Leave the PG pin unconnected when not used.
UNDER VOLTAGE LOCKOUT
To avoid mis-operation of the device at low input voltages, an under voltage lockout is implemented, that shuts
down the device at voltages lower than VUVLO with a VHYS_UVLO hysteresis.
THERMAL SHUTDOWN
The device goes into thermal shutdown once the junction temperature exceeds typically TJSD. Once the device
temperature falls below the threshold the device returns to normal operation automatically.
INDUCTOR CURRENT LIMIT
The Inductor Current Limit prevents the device from high inductor current and drawing excessive current from the
battery or input voltage rail. Excessive current might occur with a shorted/saturated inductor or a heavy
load/shorted output circuit condition.
The incorporated inductor peak current limit measures the current during the high side and low side power
MOSFET on-phase in PWM mode. Once the high side switch current limit is tripped, the high side MOSFET is
turned off and the low side MOSFET is turned on to reduce the inductor current. Until the inductor current drops
down to low side switch current limit, the low side MOSFET is turned off and the high side switch is turned on
again. This operation repeats until the inductor current does not reach the high side switch current limit. Due to
the internal propagation delay, the real current limit value can exceed the static current limit in the electrical
characteristics table.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TLV62080


Similar Part No. - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM188R60J106M MURATA-GRM188R60J106M Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 10關F 6.3V
logo
Texas Instruments
GRM188R60J106M TI-GRM188R60J106M Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
TPS62081DSGR TI-TPS62081DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080DSGR TI-TPS62080DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com