Electronic Components Datasheet Search |
|
TLV7113318DDSER Datasheet(PDF) 11 Page - Texas Instruments |
|
|
TLV7113318DDSER Datasheet(HTML) 11 Page - Texas Instruments |
11 / 30 page 2.60 2.58 2.56 2.54 2.52 2.50 2.48 2.46 2.44 2.42 2.40 -40 -25 -10 5 20 35 50 65 80 95 110 JunctionTemperature( C) ° 125 10mA 150mA 200mA V =3.0V IN 50 45 40 35 30 25 20 15 10 5 0 2.1 2.6 3.1 3.6 4.1 4.6 5.1 V (V) IN 5.6 +125 C ° +85 C ° +25 C ° -40 C ° V =3.3V IN 50 45 40 35 30 25 20 15 10 5 0 3.1 3.6 4.1 4.6 5.1 V (V) IN 5.6 +125 C ° +85 C ° +25 C ° - ° 40 C 50 45 40 35 30 25 20 15 10 5 0 3.6 4.0 4.4 4.8 5.2 V (V) IN 5.6 +125 C ° +85 C ° +25 C ° - ° 40 C 50 45 40 35 30 25 20 15 10 5 0 3.6 4.0 4.4 4.8 5.2 V (V) IN 5.6 +125 C ° +85 C ° +25 C ° - ° 40 C 50 45 40 35 30 25 20 15 10 5 0 2.1 2.6 3.1 3.6 4.1 4.6 5.1 V (V) IN 5.6 +125 C ° +85 C ° +25 C ° -40 C ° TLV710 Series TLV711 Series www.ti.com SBVS142A – JULY 2010 – REVISED AUGUST 2010 TYPICAL CHARACTERISTICS (continued) Over operating temperature range of TJ = –40°C to +125°C, VEN1 = VEN2 = VIN, CIN = 1mF, COUT1 = 1mF, and COUT2 = 1mF, unless otherwise noted. Typical values are at TJ = +25°C. OUTPUT VOLTAGE vs TEMPERATURE: VOUT2 GROUND PIN CURRENT vs INPUT VOLTAGE: IQ1 (TLV7111525) (TLV7101828) Figure 31. Figure 32. GROUND PIN CURRENT vs INPUT VOLTAGE: IQ2 GROUND PIN CURRENT vs INPUT VOLTAGE: IQ1 (TLV7101828) (TLV7103333) Figure 33. Figure 34. GROUND PIN CURRENT vs INPUT VOLTAGE: IQ2 GROUND PIN CURRENT vs INPUT VOLTAGE: IQ1 (TLV7103333) (TLV7111525) Figure 35. Figure 36. Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback 11 |
Similar Part No. - TLV7113318DDSER |
|
Similar Description - TLV7113318DDSER |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |