Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71530 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS71530
Description  50 mA, 24 V, 3.2-mA Supply Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71530 Datasheet(HTML) 4 Page - Texas Instruments

  TPS71530 Datasheet HTML 1Page - Texas Instruments TPS71530 Datasheet HTML 2Page - Texas Instruments TPS71530 Datasheet HTML 3Page - Texas Instruments TPS71530 Datasheet HTML 4Page - Texas Instruments TPS71530 Datasheet HTML 5Page - Texas Instruments TPS71530 Datasheet HTML 6Page - Texas Instruments TPS71530 Datasheet HTML 7Page - Texas Instruments TPS71530 Datasheet HTML 8Page - Texas Instruments TPS71530 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
_
+
Current
Sense
LeakageNull
ControlCircuit
R1
R2
V(IN)
GND
V(OUT)
ILIM
Bandgap
Reference
V
=1.205V
ref
FB
_
+
Current
Sense
LeakageNull
ControlCircuit
R1
R2
V(IN)
GND
V(OUT)
ILIM
Bandgap
Reference
V
=1.205V
ref
TPS715xx
SLVS338P – MAY 2001 – REVISED NOVEMBER 2008 .................................................................................................................................................... www.ti.com
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. Functional Block Diagram—Adjustable Version
Figure 2. Functional Block Diagram—Fixed Version
Table 1. Terminal Functions
TERMINAL
NO.
DESCRIPTION
NAME
FIXED
ADJ.
FB
1
Adjustable version only. This terminal is used to set the output voltage.
NC
1
No connection
GND
2
2
Ground
NC
3
3
No connection
IN
4
4
Input supply.
OUT
5
5
Output of the regulator, any output capacitor
≥ 0.47
µF can be used for stability.
4
Submit Documentation Feedback
Copyright © 2001–2008, Texas Instruments Incorporated


Similar Part No. - TPS71530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71530 TI-TPS71530 Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS71530 TI-TPS71530 Datasheet
229Kb / 11P
[Old version datasheet]   50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71530 TI-TPS71530 Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71530-DIE TI1-TPS71530-DIE Datasheet
72Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
TPS71530-Q1 TI-TPS71530-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
More results

Similar Description - TPS71530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715 Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS715 TI1-TPS715_17 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com