Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS799L57YZYT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS799L57YZYT
Description  200-mA, Low-Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS799L57YZYT Datasheet(HTML) 2 Page - Texas Instruments

  TPS799L57YZYT Datasheet HTML 1Page - Texas Instruments TPS799L57YZYT Datasheet HTML 2Page - Texas Instruments TPS799L57YZYT Datasheet HTML 3Page - Texas Instruments TPS799L57YZYT Datasheet HTML 4Page - Texas Instruments TPS799L57YZYT Datasheet HTML 5Page - Texas Instruments TPS799L57YZYT Datasheet HTML 6Page - Texas Instruments TPS799L57YZYT Datasheet HTML 7Page - Texas Instruments TPS799L57YZYT Datasheet HTML 8Page - Texas Instruments TPS799L57YZYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TPS799L
SBVS191 – APRIL 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
TPS799Lxx yyy z
XX is nominal output voltage (for example, 57 = 5.7V).
YYY is package designator.
Z is package quantity.
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
MIN
MAX
UNIT
IN
–0.3
+7.0
V
Voltage(2)
EN
–0.3
VIN + 0.3
V
OUT
–0.3
VIN + 0.3
V
Current
OUT
Internally limited
mA
Operating virtual junction, TJ
–55
+150
°C
Temperature
Storage, Tstg
–55
+150
°C
Human body model (HBM) QSS 009-105 (JESD22-A114A)
2
kV
Electrostatic discharge
ratings(3)
Charge device model (CDM) QSS 009-147 (JESD22-C101B.01)
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-
maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
(3)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL INFORMATION
TPS799L
THERMAL METRIC(1)(2)
YZY (WCSP)
UNITS
5 PINS
θJA
Junction-to-ambient thermal resistance
143.3
θJCtop
Junction-to-case (top) thermal resistance
1.1
θJB
Junction-to-board thermal resistance
84.7
°C/W
ψJT
Junction-to-top characterization parameter
3.8
ψJB
Junction-to-board characterization parameter
84.4
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - TPS799L57YZYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799L57YZYT TI1-TPS799L57YZYT Datasheet
899Kb / 22P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
More results

Similar Description - TPS799L57YZYT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303 AD-ADP3303 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV742P TI1-TLV742P_18 Datasheet
538Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com