Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2561A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2561A
Description  Dual Channel Precision Adjustable Current-Limited Power Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2561A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2561A Datasheet HTML 5Page - Texas Instruments TPS2561A Datasheet HTML 6Page - Texas Instruments TPS2561A Datasheet HTML 7Page - Texas Instruments TPS2561A Datasheet HTML 8Page - Texas Instruments TPS2561A Datasheet HTML 9Page - Texas Instruments TPS2561A Datasheet HTML 10Page - Texas Instruments TPS2561A Datasheet HTML 11Page - Texas Instruments TPS2561A Datasheet HTML 12Page - Texas Instruments TPS2561A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
20
40
60
80
100
120
140
160
V
-V
-mV/div
IN
OUT
T =125°C
A
T =25°C
A
T =-40°C
A
R
=61.9k
ILIM
W
0
0
0.5
1.0
1.5
200
50
100
150
3.0
2.5
2.0
V
-V
-mV
IN
OUT
T =125°C
J
T =-40°C
J
T =25°C
J
R
=20k
ILIM
TPS2560A
TPS2561A
www.ti.com
SLVSB28
– DECEMBER 2011
TYPICAL CHARACTERISTICS (continued)
Figure 16. Switch Current Vs. Drain-Source Voltage
Figure 17. Switch Current vs. Drain-Source Voltage
Across Switch
Across Switch
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS2560A TPS2561A


Similar Part No. - TPS2561A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2561A TI1-TPS2561A Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
TPS2561AQDRCRQ1 TI1-TPS2561AQDRCRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
TPS2561AQDRCTQ1 TI1-TPS2561AQDRCTQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
More results

Similar Description - TPS2561A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560 TI1-TPS2560_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560_1002 TI-TPS2560_1002 Datasheet
873Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com