Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78225DDCR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78225DDCR
Description  500nA, IQ 150mA, Ultra-Low Quiescent Current
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78225DDCR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS78225DDCR Datasheet HTML 4Page - Texas Instruments TPS78225DDCR Datasheet HTML 5Page - Texas Instruments TPS78225DDCR Datasheet HTML 6Page - Texas Instruments TPS78225DDCR Datasheet HTML 7Page - Texas Instruments TPS78225DDCR Datasheet HTML 8Page - Texas Instruments TPS78225DDCR Datasheet HTML 9Page - Texas Instruments TPS78225DDCR Datasheet HTML 10Page - Texas Instruments TPS78225DDCR Datasheet HTML 11Page - Texas Instruments TPS78225DDCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
-40 -25 -10
125
110
95
80
65
50
35
20
5
T
J ( C)
°
3
2
1
0
-1
-2
-3
150mA
0.1mA
5mA
10
100
1k
10k
100k
Frequency(Hz)
100
10
1
0.1
0.01
0.001
150mA
109 V
m
RMS
50mA
109 V
m
RMS
1mA
108 V
m
RMS
Time(20ms/div)
LoadCurrent
Enable
V
OUT
V
IN
V
=0.0Vto
IN
5.0V
V
=3.3V
OUT
I
=150mA
OUT
C
=10 F
m
OUT
0V
10
10M
100
1k
10k
100k
1M
Frequency(Hz)
80
70
60
50
40
30
20
10
0
150mA
50mA
1mA
TPS782xx
SBVS115B – AUGUST 2008 – REVISED MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over the operating temperature range of TJ = –40°C to +125°C, VIN = VOUT(TYP) + 0.5V or 2.2V, whichever is
greater; IOUT = 100mA, VEN = VIN, COUT = 1mF, and CIN = 1mF, unless otherwise noted.
%
ΔVOUT vs JUNCTION TEMPERATURE
OUTPUT SPECTRAL NOISE DENSITY vs FREQUENCY
VIN = 3.7V, VOUT = 2.7V (typ)
CIN = 1mF, COUT = 2.2mF, VIN = 3.2V
TPS78227
TPS78227
Figure 13.
Figure 14.
RIPPLE REJECTION vs FREQUENCY
VIN = 4.2V, VOUT = 2.7V, COUT = 2.2mF
INPUT VOLTAGE RAMP vs OUTPUT VOLTAGE
TPS78227
TPS78233
Figure 15.
Figure 16.
8
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated


Similar Part No. - TPS78225DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78225DDCR TI-TPS78225DDCR Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78225DDCR TI-TPS78225DDCR Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78225DDCR TI1-TPS78225DDCR Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225DDCR TI1-TPS78225DDCR Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225DDCRG4 TI-TPS78225DDCRG4 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
More results

Similar Description - TPS78225DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Diodes Incorporated
AP7350 DIODES-AP7350 Datasheet
1Mb / 13P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7354 DIODES-AP7354 Datasheet
1Mb / 18P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
March 2020
AP7351D DIODES-AP7351D Datasheet
1Mb / 18P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
24 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com