Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51225 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51225
Description  Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51225 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS51225 Datasheet HTML 7Page - Texas Instruments TPS51225 Datasheet HTML 8Page - Texas Instruments TPS51225 Datasheet HTML 9Page - Texas Instruments TPS51225 Datasheet HTML 10Page - Texas Instruments TPS51225 Datasheet HTML 11Page - Texas Instruments TPS51225 Datasheet HTML 12Page - Texas Instruments TPS51225 Datasheet HTML 13Page - Texas Instruments TPS51225 Datasheet HTML 14Page - Texas Instruments TPS51225 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
=
£
p ´
´
SW
0
OUT
f
1
f
2
ESR C
4
R1
R2
Voltage
Divider
+
VFB
+
VREF
PWM
Control
Logic
and
Divider
L
ESR
COUT
VC
RLOAD
IIND
IOUT
UDG-12010
IC
Switching Modulator
Output
Capacitor
VOUT
TPS51225
TPS51225B
TPS51225C
VIN
DRVH
DRVL
TPS51225, TPS51225B, TPS51225C
www.ti.com
SLUSAV0A – JANUARY 2012 – REVISED JUNE 2012
Light-Load Condition in Out-of-Audio™ Operation (TPS51225B)
Out-of-Audio™ (OOA) light-load mode is a unique control feature that keeps the switching frequency above
acoustic audible frequencies toward a virtual no-load condition. During Out-of-Audio™ operation, the OOA
control circuit monitors the states of both MOSFETs and forces them to transition into the ON state if both of
MOSFETs are off for more than 40
μs. When both high-side and low-side MOSFETs are off for 40 µs during a
light-load condition, the operation mode is changed to FCCM. This mode change initiates the low-side MOSFET
on and pulls down the output voltage. Then, the high-side MOSFET is turned on and stops switching again.
Table 1. SKIP Mode Operation (TPS51225/B/C)
SKIP MODE OPERATION
TPS51225
Auto-skip
TPS51225B
OOA
TPS51225C
Auto-skip
D-CAP™ Mode
From small-signal loop analysis, a buck converter using D-CAP™ mode can be simplified as shown in Figure 1.
Figure 1. Simplifying the Modulator
The output voltage is compared with internal reference voltage after divider resistors, R1 and R2. The PWM
comparator determines the timing to turn onthe high-side MOSFET. The gain and speed of the comparator is
high enough to keep the voltage at the beginning of each ON cycle substantially constant. For the loop stability,
the 0dB frequency, ƒ0, defined in Equation 2 must be lower than 1/4 of the switching frequency.
(2)
As ƒ0 is determined solely by the output capacitor characteristics, the loop stability during D-CAP™ mode is
determined by the capacitor chemistry. For example, specialty polymer capacitors have output capacitance in the
order of several hundred micro-Farads and ESR in range of 10 milli-ohms. These yield an f0 value on the order
of 100 kHz or less and the loop is stable. However, ceramic capacitors have ƒ0 at more than 700 kHz, which is
not suitable for this operational mode.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS51225 TPS51225B TPS51225C


Similar Part No. - TPS51225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225B TI1-TPS51225B Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller
TPS51225B TI1-TPS51225B Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225BRUKR TI1-TPS51225BRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller
More results

Similar Description - TPS51225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI1-TPS51275 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275B-1 TI-TPS51275B-1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS51275B-1 Dual Synchronous, Step-Down Controller With 5-V and 3.3-V LDOs
logo
Vishay Siliconix
SI9130DB VISHAY-SI9130DB Datasheet
157Kb / 4P
   5- and 3.3-V Step-Down Synchronous Converters
10-Feb-97
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com