Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPCG0740LR42C Datasheet(PDF) 2 Page - Texas Instruments

Part # MPCG0740LR42C
Description  3.3-V/5-V Input, D-CAPMode Synchronous Step-Down Integrated FETs Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPCG0740LR42C Datasheet(HTML) 2 Page - Texas Instruments

  MPCG0740LR42C Datasheet HTML 1Page - Texas Instruments MPCG0740LR42C Datasheet HTML 2Page - Texas Instruments MPCG0740LR42C Datasheet HTML 3Page - Texas Instruments MPCG0740LR42C Datasheet HTML 4Page - Texas Instruments MPCG0740LR42C Datasheet HTML 5Page - Texas Instruments MPCG0740LR42C Datasheet HTML 6Page - Texas Instruments MPCG0740LR42C Datasheet HTML 7Page - Texas Instruments MPCG0740LR42C Datasheet HTML 8Page - Texas Instruments MPCG0740LR42C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPS51463
SLUSAX2 – FEBRUARY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
MINIMUM
TA
PACKAGE(2)
ORDERING NUMBER
PINS
OUTPUT SUPPLY
ECO PLAN
QUANTITY
TPS51463RGER
24
Tape and reel
3000
Green (RoHS and
Plastic QFN
-40°C to 85°C
no Pb/Br)
(RGE)
TPS51463RGET
24
Mini reel
250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
THERMAL INFORMATION
TPS51463
THERMAL METRIC(1)
UNITS
RGE (24) PIN
θJA
Junction-to-ambient thermal resistance
38.3
θJCtop
Junction-to-case (top) thermal resistance
44.7
θJB
Junction-to-board thermal resistance
16
°C/W
ψJT
Junction-to-top characterization parameter
0.8
ψJB
Junction-to-board characterization parameter
16.1
θJCbot
Junction-to-case (bottom) thermal resistance
5.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN, EN, MODE
–0.3
7.0
V5DRV, V5FILT, VBST (with respect to SW)
–0.3
7.0
Input voltage range
VBST
–0.3
12.5
V
VID0, VID1
–0.3
3.6
VOUT
–1.0
3.6
SW
–2.0
7.0
SW (transient 20 ns and E=5 µJ)
–3.5
Output voltage range
COMP, SLEW, VREF
–0.3
3.6
V
PGND
–0.3
0.3
PGOOD
–0.3
7.0
Human Body Model (HBM)
2000
Electrostatic Discharge
V
Charged Device Model (CDM)
500
Storage temperature
Tstg
–55
150
˚C
Junction temperature
TJ
–40
150
˚C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
˚C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS51463


Similar Part No. - MPCG0740LR42C

ManufacturerPart #DatasheetDescription
logo
NEC
MPCG0740LR42 NEC-MPCG0740LR42 Datasheet
2Mb / 104P
   Power Inductors
logo
Kemet Corporation
MPCG0740LR42 KEMET-MPCG0740LR42 Datasheet
69Kb / 1P
   Power, MPCG, 420 nH, 20%
More results

Similar Description - MPCG0740LR42C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS51461 TI-TPS51461 Datasheet
1Mb / 31P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS51462 TI1-TPS51462_17 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI-TPS51462_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI1-TPS51462 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
logo
Vishay Siliconix
SI9130DB VISHAY-SI9130DB Datasheet
157Kb / 4P
   5- and 3.3-V Step-Down Synchronous Converters
10-Feb-97
logo
Texas Instruments
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com