Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70033DSET Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70033DSET
Description  200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70033DSET Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV70033DSET Datasheet HTML 7Page - Texas Instruments TLV70033DSET Datasheet HTML 8Page - Texas Instruments TLV70033DSET Datasheet HTML 9Page - Texas Instruments TLV70033DSET Datasheet HTML 10Page - Texas Instruments TLV70033DSET Datasheet HTML 11Page - Texas Instruments TLV70033DSET Datasheet HTML 12Page - Texas Instruments TLV70033DSET Datasheet HTML 13Page - Texas Instruments TLV70033DSET Datasheet HTML 14Page - Texas Instruments TLV70033DSET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
P =(V
V
)
I
-
´
D
IN
OUT
OUT
TLV700xx
www.ti.com
SLVSA00C
– SEPTEMBER 2009 – REVISED JULY 2011
Dropout Voltage
For good reliability, thermal protection should trigger
at least +35
°C above the maximum expected ambient
The TLV700xx uses a PMOS pass transistor to
condition
of
the
particular
application.
This
achieve low dropout. When (VIN – VOUT) is less than
configuration
produces
a
worst-case
junction
the dropout voltage (VDO), the PMOS pass device is
temperature of +125
°C at the highest expected
in
the
linear
region
of
operation
and
the
ambient temperature and worst-case load.
input-to-output resistance is the RDS(ON) of the PMOS
pass element. VDO scales approximately with output
The internal protection circuitry of the TLV700xx has
current because the PMOS device behaves as a
been designed to protect against overload conditions.
resistor in dropout.
It was not intended to replace proper heatsinking.
Continuously running the TLV700xx into thermal
As with any linear regulator, PSRR and transient
shutdown degrades device reliability.
response are degraded as (VIN – VOUT) approaches
dropout. This effect is shown in Figure 13 in the
Power Dissipation
Typical Characteristics section.
The ability to remove heat from the die is different for
Transient Response
each
package
type,
presenting
different
considerations in the printed circuit board (PCB)
As with any regulator, increasing the size of the
layout. The PCB area around the device that is free
output capacitor reduces over-/undershoot magnitude
of other components moves the heat from the device
but increases the duration of the transient response.
to the ambient air. Performance data for JEDEC low
and high-K boards are given in the Dissipation
Undervoltage Lockout (UVLO)
Ratings table. Using heavier copper increases the
effectiveness in removing heat from the device. The
The TLV700xx uses an undervoltage lockout circuit to
addition of plated through-holes to heat-dissipating
keep the output shut off until internal circuitry is
layers also improves heatsink effectiveness.
operating properly.
Power dissipation depends on input voltage and load
Thermal Information
conditions. Power dissipation (PD) is equal to the
product of the output current and the voltage drop
Thermal protection disables the output when the
across the output pass element, as shown in
junction temperature rises to approximately +160
°C,
Equation 1.
allowing the device to cool. When the junction
temperature cools to approximately +140
°C, the
(1)
output circuitry is again enabled. Depending on power
dissipation,
thermal
resistance,
and
ambient
Package Mounting
temperature, the thermal protection circuit may cycle
Solder
pad
footprint
recommendations
for
the
on and off. This cycling limits the dissipation of the
TLV700xx are available from the Texas Instruments
regulator, protecting it from damage as a result of
web site at www.ti.com. The recommended land
overheating.
patterns for the DSE, DDC, and DCK packages are
Any tendency to activate the thermal protection circuit
shown in Figure 22, Figure 23, and Figure 24,
indicates
excessive
power
dissipation
or
an
respectively. Figure 25, Figure 26, and Figure 27
inadequate heatsink. For reliable operation, junction
show the mechanical package dimensions for the
temperature should be limited to +125
°C maximum.
DSE, DDC, and DCK packages, respectively.
To estimate the margin of safety in a complete design
(including
heatsink),
increase
the
ambient
temperature until the thermal protection is triggered;
use worst-case loads and signal conditions.
Copyright
© 2009–2011, Texas Instruments Incorporated
11


Similar Part No. - TLV70033DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70033DSET TI-TLV70033DSET Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70033DSET TI-TLV70033DSET Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033DSET TI-TLV70033DSET Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033DSET TI-TLV70033DSET Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033DSET TI-TLV70033DSET Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70033DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70012A-Q1 TI1-TLV70012A-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com