Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54040ADRC Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54040ADRC
Description  0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54040ADRC Datasheet(HTML) 1 Page - Texas Instruments

  TPS54040ADRC Datasheet HTML 1Page - Texas Instruments TPS54040ADRC Datasheet HTML 2Page - Texas Instruments TPS54040ADRC Datasheet HTML 3Page - Texas Instruments TPS54040ADRC Datasheet HTML 4Page - Texas Instruments TPS54040ADRC Datasheet HTML 5Page - Texas Instruments TPS54040ADRC Datasheet HTML 6Page - Texas Instruments TPS54040ADRC Datasheet HTML 7Page - Texas Instruments TPS54040ADRC Datasheet HTML 8Page - Texas Instruments TPS54040ADRC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
PH
VIN
GND
BOOT
VSENSE
COMP
TPS54040A
EN
RT /CLK
SS /TR
PWRGD
V
IN
VIN
V
OUT
EFFICIENCY
vs
LOADCURRENT
0
10
20
30
40
50
60
70
80
0
0.1
0.2
0.3
0.4
LoadCurrent- A
100
90
0.5
V =12V,
V =5.0V,
f
=700kHz
I
O
sw
TPS54040A
www.ti.com
SLVSB58 – MARCH 2012
0.5 A, 42 V Step Down SWIFT™ DC/DC Converter with ECO-MODE™
Check for Samples: TPS54040A
1
FEATURES
23
3.5 V to 42 V Input Voltage Range
0.8-V Internal Voltage Reference
200-m
Ω High-Side MOSFET
Available in MSOP-10 and VSON-10 Packages
High Efficiency at Light Loads with a Pulse
Supported by WEBENCH® and SwitcherPro™
Skipping Eco-Mode™
Software Tool
Tighter Enable Threshold than TPS54040
For SWIFT™ Documentation, See the TI
for More Accurate UVLO Voltage
Website at http://www.ti.com/swift
Adjustable UVLO Voltage and Hysteresis
APPLICATIONS
116
μA Operating Quiescent Current
12-V and 24-V Industrial and Commercial Low
1.3
μA Shutdown Current
Power Systems
100 kHz to 2.5 MHz Switching Frequency
Aftermarket Auto Accessories: Video, GPS,
Synchronizes to External Clock
Entertainment
Adjustable Slow Start/Sequencing
UV and OV Power Good Output
DESCRIPTION
The TPS54040A device is a 42 V, 0.5 A, step down regulator with an integrated high side MOSFET. Current
mode control provides simple external compensation and flexible component selection. A low ripple pulse skip
mode reduces the no load, regulated input supply current to 116
μA. Using the enable pin, shutdown supply
current is nominally 1.3
μA when the enable pin is low.
Under voltage lockout is internally set at 2.5 V, but can be increased using the enable pin. The output voltage
startup ramp is controlled by the slow start pin that can also be configured for sequencing or tracking. An open
drain power good signal indicates when the output is within 94% to 107% of its nominal voltage.
A wide switching frequency range allows efficiency and external component size to be optimized. Frequency fold
back and thermal shutdown protects the part during an overload condition.
SPACER
SIMPLIFIED SCHEMATIC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Eco-Mode, SwitcherPro, SWIFT are trademarks of Texas Instruments.
3
WEBENCH is a registered trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54040ADRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54040ADRCR TI1-TPS54040ADRCR Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040ADRCT TI1-TPS54040ADRCT Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results

Similar Description - TPS54040ADRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54060-Q1 TI1-TPS54060-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57140-EP TI1-TPS57140-EP_16 Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS54140-Q1 TI1-TPS54140-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com