Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54061DRBT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54061DRBT
Description  Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54061DRBT Datasheet(HTML) 5 Page - Texas Instruments

  TPS54061DRBT Datasheet HTML 1Page - Texas Instruments TPS54061DRBT Datasheet HTML 2Page - Texas Instruments TPS54061DRBT Datasheet HTML 3Page - Texas Instruments TPS54061DRBT Datasheet HTML 4Page - Texas Instruments TPS54061DRBT Datasheet HTML 5Page - Texas Instruments TPS54061DRBT Datasheet HTML 6Page - Texas Instruments TPS54061DRBT Datasheet HTML 7Page - Texas Instruments TPS54061DRBT Datasheet HTML 8Page - Texas Instruments TPS54061DRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TPS54061
www.ti.com
SLVSBB7A – MAY 2012 – REVISED MAY 2012
ELECTRICAL CHARACTERISTICS
(1)
TEST CONDITIONS: TJ = –40°C to 150°C, VIN = 4.7 To 60 V ( (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
VIN
4.7
60
V
Shutdown supply current
EN = 0V
1.4
µA
Iq Operating – Non switching
VSENSE = 0.9V, VIN = 12V
90
110
µA
ENABLE AND UVLO (EN PIN)
Rising
1.23
1.4
V
Enable threshold
Falling
1
1.18
V
Enable threshold +50 mV
–4.7
µA
Input current
Enable threshold –50 mV
–1.2
µA
Hysteresis
–3.5
µA
Enable high to start switching time
450
µs
VIN
VIN start voltage
VIN rising
4.5
V
VOLTAGE REFERENCE
TJ = 25°C, VIN = 12 V
0.792
0.8
0.808
Voltage reference
V
1mA < IOUT < Minimum Current Limit
0.784
0.8
0.816
HIGH-SIDE MOSFET
Switch resistance
BOOT-PH = 5.7V
1.5
3.0
Ω
LOW-SIDE MOSFET
Switch resistance
VIN = 12V
0.8
1.5
Ω
ERROR AMPLIFIER
Input Current
VSENSE pin
20
nA
Error amp gm
–2µA < I(COMP) < 2µA, V(COMP) = 1V
108
µMhos
EA gm during slow start
–2µA < I(COMP) < 2µA, V(COMP) = 1V, VSENSE = 0.4V
27
µMhos
Error amp dc gain
VSENSE = 0.8V
1000
V/V
Min unity gain bandwidth
0.5
MHz
Error amp source/sink
V(COMP) = 1V, 100 mV Overdrive
±8
µA
Start Switching Threshold
0.57
V
COMP to Iswitch gm
1.0
A/V
CURRENT LIMIT
High side sourcing current limit
BOOT-PH = 5.7V
250
350
500
mA
threshold
Zero cross detect current
–1.1
mA
THERMAL SHUTDOWN
Thermal shutdown
176
C
RT/CLK
Operating frequency using RT mode
50
1100
kHz
Switching frequency
R(RT/CLK) = 120kΩ
425
472
520
kHz
Minimum CLK pulsewidth
40
ns
RT/CLK voltage
R(RT/CLK) = 120kΩ
0.53
V
RT/CLK high threshold
1.8
V
RT/CLK low threshold
0.5
V
RT/CLK falling edge to PH rising
Measure at 500 kHz with RT resistor
130
ns
edge delay
PLL lock in time
Measure at 500 kHz
100
µs
(1)
The Electrical Ratings specified in this section will apply to all specifications in this document unless otherwise noted. These
specifications will be interpreted as conditions that will not degrade the device’s parametric or functional specifications for the life of the
product containing it.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS54061


Similar Part No. - TPS54061DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061 TI1-TPS54061 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Step-Down DC?밆C Converter
TPS54061-Q1 TI1-TPS54061-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Step-Down DC?밆C Converter
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061-Q1 TI1-TPS54061-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Step-Down DC?밆C Converter
TPS54061QDRBRQ1 TI1-TPS54061QDRBRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Step-Down DC?밆C Converter
More results

Similar Description - TPS54061DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54362-Q1 TI1-TPS54362-Q1 Datasheet
920Kb / 35P
[Old version datasheet]   3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
OCTOBER2011
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061 TI-TPS54061_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS54061 Wide Input 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
   60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Texas Instruments
TPS54062 TI1-TPS54062 Datasheet
751Kb / 30P
[Old version datasheet]   4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
TPS54062 TI1-TPS54062_14 Datasheet
1Mb / 38P
[Old version datasheet]   4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890 Datasheet
441Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com