Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62093 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62093
Description  3A High Efficient Synchronous Step Down Converter with DCS??Control
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62093 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62093 Datasheet HTML 4Page - Texas Instruments TPS62093 Datasheet HTML 5Page - Texas Instruments TPS62093 Datasheet HTML 6Page - Texas Instruments TPS62093 Datasheet HTML 7Page - Texas Instruments TPS62093 Datasheet HTML 8Page - Texas Instruments TPS62093 Datasheet HTML 9Page - Texas Instruments TPS62093 Datasheet HTML 10Page - Texas Instruments TPS62093 Datasheet HTML 11Page - Texas Instruments TPS62093 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
50
55
60
65
70
75
80
85
90
95
100
100m
1
10
100
1k
10k
I load (mA)
VIN = 2.7 V
VIN = 3.7 V
VIN = 4.2 V
VIN = 5 V
VOUT = 1.8 V
L = 1 µH
f = 1.4 MHz
G003
50
55
60
65
70
75
80
85
90
95
100
100m
1
10
100
1k
10k
I load (mA)
VIN = 2.7 V
VIN = 3.7 V
VIN = 4.2 V
VIN = 5 V
VOUT = 1.8 V
L = 0.4 µH
f = 2.8 MHz
G004
50
55
60
65
70
75
80
85
90
95
100
100m
1
10
100
1k
10k
I load (mA)
VIN = 2.7 V
VIN = 3.7 V
VIN = 4.2 V
VIN = 5 V
VOUT = 1.05 V
L = 1.0 µH
f = 1.4 MHz
G005
50
55
60
65
70
75
80
85
90
95
100
100m
1
10
100
1k
10k
I load (mA)
VIN = 2.7 V
VIN = 3.7 V
VIN = 4.2 V
VIN = 5 V
VOUT = 1.05 V
L = 0.4 µH
f = 2.8 MHz
G006
1.79
1.795
1.8
1.805
1.81
1.815
1.82
1.825
1.83
100m
1
10
100
1k
10k
I load (mA)
VIN = 5.0 V
VIN = 4.2 V
VIN = 3.7 V
VOUT = 1.8 V
L = 1 µH
f = 1.4 MHz
G007
1.79
1.795
1.8
1.805
1.81
1.815
1.82
1.825
1.83
100m
1
10
100
1k
10k
I load (mA)
VIN = 5.0 V
VIN = 4.2 V
VIN = 3.7 V
VOUT = 1.8 V
L = 0.4 µH
f = 2.8 MHz
G008
TPS62090, TPS62091
TPS62092, TPS62093
SLVSAW2A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
Figure 4. Efficiency vs Load Current
Figure 5. Efficiency vs Load Current
Figure 6. Efficiency vs Load Current
Figure 7. Efficiency vs Load Current
Figure 8. Output Voltage vs Load Current
Figure 9. Output Voltage vs Load Current
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62090 TPS62091 TPS62092 TPS62093


Similar Part No. - TPS62093

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62093 TI1-TPS62093 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
More results

Similar Description - TPS62093

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI-TPS62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6209x 3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI-TLV62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62090 3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090-Q1 TI1-TPS62090-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High-Efficient Synchronous Step-Down Converter with DCS-Control
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
   3A, Synchronous Step-Down Converter
EUP3226 EUTECH-EUP3226 Datasheet
736Kb / 1P
   3A, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com