Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65155 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65155
Description  LCD Bias Solution with Level Shifters for GOA Panels
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65155 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65155 Datasheet HTML 5Page - Texas Instruments TPS65155 Datasheet HTML 6Page - Texas Instruments TPS65155 Datasheet HTML 7Page - Texas Instruments TPS65155 Datasheet HTML 8Page - Texas Instruments TPS65155 Datasheet HTML 9Page - Texas Instruments TPS65155 Datasheet HTML 10Page - Texas Instruments TPS65155 Datasheet HTML 11Page - Texas Instruments TPS65155 Datasheet HTML 12Page - Texas Instruments TPS65155 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
I
AVDD – Output Voltage Current – A
FREQ = High
FREQ = Low
I
AVDD – Output Voltage Current – A
0
10
20
30
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
FREQ = High
FREQ = Low
Output Current –
mA
0
200
400
600
800
1000
1200
1400
0
100
200
300
400
500
600
700
800
FREQ = High
FREQ = Low
V
– Input Voltage – V
IN
0
200
400
600
800
1000
1200
1400
3.5
4.0
4.5
5.0
5.5
6.0
FREQ = High
FREQ = Low
AV
DD
I
AVDD
f =640kHz, L=10µH
SW
AV
DD
AV
DD
Converter O/P
Converter Load
TPS65155
www.ti.com
SLVSB29
– JANUARY 2012
BOOST CONVERTER EFFICIENCY (VAVDD = 13.6 V)
BOOST CONVERTER EFFICIENCY (VAVDD = 18 V)
Figure 1.
Figure 2.
BOOST CONVERTER FREQUENCY vs. LOAD CURRENT
BOOST CONVERTER FREQUENCY vs. SUPPLY VOLTAGE
Figure 3.
Figure 4.
BOOST CONVERTER UNDERVOLTAGE PROTECTION
BOOST CONVERTER LOAD TRANSIENT RESPONSE
Figure 5.
Figure 6.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS65155


Similar Part No. - TPS65155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65150 TI-TPS65150 Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150-Q1 TI-TPS65150-Q1 Datasheet
706Kb / 27P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150PWP TI-TPS65150PWP Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150PWP TI1-TPS65150PWP Datasheet
1Mb / 47P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC
TPS65150PWPG4 TI-TPS65150PWPG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
More results

Similar Description - TPS65155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
logo
Global Mixed-mode Techn...
G5520 GMT-G5520 Datasheet
140Kb / 1P
   Bias Power Supply for TFT LCD Panels
G5520A GMT-G5520A Datasheet
186Kb / 1P
   Bias Power Supply for TFT LCD Panels
logo
Texas Instruments
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
logo
Global Mixed-mode Techn...
G1581 GMT-G1581 Datasheet
49Kb / 1P
   8 Channel Voltage Level Shifters for TFT LCD
logo
Texas Instruments
TPS65162 TI-TPS65162 Datasheet
1Mb / 36P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
logo
Global Mixed-mode Techn...
G1580 GMT-G1580 Datasheet
154Kb / 1P
   Level Shifters and Voltage Buffers for TFT LCD Panel
logo
Texas Instruments
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com