Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-H3761 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # Q67100-H3761
Description  64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-H3761 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button Q67100-H3761 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-H3761 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-H3761 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-H3761 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-H3761 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-H3761 Datasheet HTML 10Page - Siemens Semiconductor Group Q67100-H3761 Datasheet HTML 11Page - Siemens Semiconductor Group Q67100-H3761 Datasheet HTML 12Page - Siemens Semiconductor Group Q67100-H3761 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
SLx 24C64
Semiconductor Group
9
Preliminary 1998-07-27
4
Device Addressing and EEPROM Addressing
After a START condition, the master always transmits a command byte CSW or CSR.
After the acknowledge of the EEPROM control bytes follow, their contents and the
transmitter depend on the previous command byte. The description of the command and
control bytes is shown in table 2.
The device has an internal address counter which points to the current EEPROM
address.
The address counter is incremented
– after a data byte to be written has been acknowledged, during entry of further data
byte
– during a byte read, thus the address counter points to the following address after
reading a data byte.
The timing conventions for read and write operations are described in figures 5 and 6.
Command Byte
Selects one of the 8 addressable slave devices: The chip select
bits CS2, CS1 and CS0 (bit positions b3 to b1) are compared to their
corresponding hard wired input pins CS2, CS1 and CS0,
respectively.
Selects operation: the least significant bit b0 is low for a write
operation (Chip Select Write Command Byte, CSW) or set high for
a read operation (Chip Select Read Command Byte, CSR).
Control Bytes
Following CSW (b0 = 0): The address bytes AHI/ALO containing
the address bits A0 to A12 are transmitted by the master.
Following CSR (b0 = 1): The EEPROM transmits the read out data.
EEPROM data are read as long as the master pulls down SDA after
each byte in order to acknowledge the transfer. The read operation
is stopped by the master by releasing SDA (no acknowledge is
applied) followed by a STOP condition.
Table 2
Command and Control Byte for I
2C-Bus Addressing of Chip and EEPROM
Command
Definition
Function
b7
b6
b5
b4
b3
b2
b1
b0
CSW
1
0
1
0
CS2 CS1 CS0
0
chip select for write
CSR
1
0
1
0
CS2 CS1 CS0
1
chip select for read
AHI
0
0
0
A12
A11
A10
A9
A8
high address
ALO
A7
A6A5
A4A3A2
A1A0
low address
DATA
D7
D6
D5
D4
D3
D2
D1
D0
data byte


Similar Part No. - Q67100-H3761

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-H3769 SIEMENS-Q67100-H3769 Datasheet
357Kb / 26P
   32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
More results

Similar Description - Q67100-H3761

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C32 SIEMENS-SLX24C32 Datasheet
357Kb / 26P
   32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C164P SIEMENS-SLX24C164P Datasheet
361Kb / 27P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C0816P SIEMENS-SLX24C0816P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
logo
STMicroelectronics
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
   64-Kbit serial I2C bus EEPROM
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
   512 x 8-bit CMOS EEPROMS with I2C- bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com