Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62363 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62363
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62363 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62363 Datasheet HTML 5Page - Texas Instruments TPS62363 Datasheet HTML 6Page - Texas Instruments TPS62363 Datasheet HTML 7Page - Texas Instruments TPS62363 Datasheet HTML 8Page - Texas Instruments TPS62363 Datasheet HTML 9Page - Texas Instruments TPS62363 Datasheet HTML 10Page - Texas Instruments TPS62363 Datasheet HTML 11Page - Texas Instruments TPS62363 Datasheet HTML 12Page - Texas Instruments TPS62363 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Gate
Driver
Control
Logic
High Side
Current Limit
Low Side
Current Limit
Low Side
N-MOS
High Side
P-MOS
Differential
Sense
I2C
Interface
Analog
Circuit
Supply
Thermal
Shutdown
Softstart
Under
Voltage
Shutdown
Bandgap
SENSE+
SENSE-
VIN
SW
2
PGND
3
AGND
AVIN
EN
SCL
SDA
VSEL0
VSEL1
VDD
direct control
&
compensation
REF
ramp
DCS-CONTROL
TM
error
amplifier
comparator
R
DIS-
CHARGE
TPS62360, TPS62361B
TPS62362, TPS62363
www.ti.com
SLVSAU9B – MAY 2011 – REVISED MARCH 2012
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS62360 TPS62361B TPS62362 TPS62363


Similar Part No. - TPS62363

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62363 TI1-TPS62363 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62363YZHR TI1-TPS62363YZHR Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62363YZHT TI1-TPS62363YZHT Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - TPS62363

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62360_1108 TI-TPS62360_1108 Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI-TPS62360_15 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_17 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360 Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62366A TI1-TPS62366A Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
logo
Texas Instruments
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com