Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62093RGTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62093RGTR
Description  3A High Efficient Synchronous Step Down Converter with DCS??Control
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62093RGTR Datasheet(HTML) 4 Page - Texas Instruments

  TPS62093RGTR Datasheet HTML 1Page - Texas Instruments TPS62093RGTR Datasheet HTML 2Page - Texas Instruments TPS62093RGTR Datasheet HTML 3Page - Texas Instruments TPS62093RGTR Datasheet HTML 4Page - Texas Instruments TPS62093RGTR Datasheet HTML 5Page - Texas Instruments TPS62093RGTR Datasheet HTML 6Page - Texas Instruments TPS62093RGTR Datasheet HTML 7Page - Texas Instruments TPS62093RGTR Datasheet HTML 8Page - Texas Instruments TPS62093RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
15
16
Exposed
Thermal Pad*
1
2
SW
SW
3
4
FREQ
PG
13
14
6
5
7
8
12
11
10
9
PVIN
AVIN
SS
PVIN
TPS62090, TPS62091
TPS62092, TPS62093
SLVSAW2A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
DEVICE INFORMATION
16 PIN 3x3mm QFN
TOP VIEW
NOTE: *The exposed Thermal Pad is connected to AGND.
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
SW
1, 2
I
Switch pin of the power stage.
This pin selects the switching frequency of the device. FREQ=low sets the typical switching frequency to 2.8
FREQ
3
I
MHz. FREQ=high sets the typical switching frequency to 1.4 MHz. This pin has an active pull down resistor of
typically 400 k
Ω and can be left floating for 2.8 MHz operation.
Power good open drain output. This pin is high impedance if the output voltage is within regulation. This pin is
PG
4
O
pulled low if the output is below its nominal value. The pull up resistor can not be connected to any voltage
higher than the input voltage of the device.
Feedback pin of the device. For the fixed output voltage versions this pin needs to be connected to GND for
FB
5
improved thermal performance. If, desired then this pin can also be left floating since it is internally connected
with 400 k
Ω to GND for fixed output voltage versions.
AGND
6
Analog ground.
CP
7
Internal charge pump flying capacitor. Connect a 10 nF capacitor between CP and CN.
CN
8
Internal charge pump flying capacitor. Connect a 10 nF capacitor between CP and CN.
Soft-start control pin. A capacitor is connected to this pin and sets the softstart time. Leaving this pin floating
SS
9
I
sets the minimum start-up time.
AVIN
10
Bias supply input voltage pin.
PVIN
11,12
Power supply input voltage pin.
Device enable. To enable the device this pin needs to be pulled high. Pulling this pin low disables the device.
EN
13
This pin has an active pull down resistor of typically 400 k
Ω.
PGND
14,15
Power ground connection.
VOS
16
Output voltage sense pin. This pin needs to be connected to the output voltage.
Thermal Pad
The exposed thermal pad is connected to AGND.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62090 TPS62091 TPS62092 TPS62093


Similar Part No. - TPS62093RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62093 TI1-TPS62093 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
More results

Similar Description - TPS62093RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI-TPS62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6209x 3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI-TLV62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62090 3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090-Q1 TI1-TPS62090-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High-Efficient Synchronous Step-Down Converter with DCS-Control
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
   3A, Synchronous Step-Down Converter
EUP3226 EUTECH-EUP3226 Datasheet
736Kb / 1P
   3A, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com