Electronic Components Datasheet Search |
|
TPS826711 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TPS826711 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 27 page TPS82670, TPS82671, TPS82672, TPS82673 TPS82674, TPS82675, TPS82676, TPS82677, TPS826711 SLVSAI0D – OCTOBER 2010 – REVISED APRIL 2012 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. ORDERING INFORMATION (1) PART OUTPUT DEVICE PACKAGE TA ORDERING(3) NUMBER VOLTAGE(2) SPECIFIC FEATURE MARKING PWM Spread Spectrum Modulation TPS82670 1.86V Low PFM Output Ripple Voltage TPS82670SIP YK Output Capacitor Discharge PWM Spread Spectrum Modulation TPS82671 1.8V TPS82671SIP RA Low PFM Output Ripple Voltage PWM Spread Spectrum Modulation TPS826711 1.8V Low PFM Output Ripple Voltage TPS826711SIP YW Output Capacitor Discharge PWM Spread Spectrum Modulation TPS82672 1.5V TPS82672SIP WD Low PFM Output Ripple Voltage PWM Spread Spectrum Modulation TPS82673 1.26V Low PFM Output Ripple Voltage TPS82673SIP YL -40°C to 85°C Output Capacitor Discharge PWM Spread Spectrum Modulation TPS82674 1.2V Low PFM Output Ripple Voltage TPS82674SIP SW Output Capacitor Discharge PWM Spread Spectrum Modulation TPS82675 1.2V TPS82675SIP RB Low PFM Output Ripple Voltage PWM Spread Spectrum Modulation TPS82676 1.1V Low PFM Output Ripple Voltage TPS82676SIP TU Output Capacitor Discharge TPS82677 1.2V Output Capacitor Discharge TPS82677SIP SK PWM Spread Spectrum Modulation TPS82678(4) 1.35V TPS82678SIP TN Output Capacitor Discharge (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. (2) Internal tap points are available to facilitate output voltages in 25mV increments. (3) The SIP package is available in tape and reel. Add a R suffix (e.g. TPS82671SIPR) to order quantities of 3000 parts. Add a T suffix (e.g. TPS82671SIPT) to order quantities of 250 parts. (4) Product Preview 2 Copyright © 2010–2012, Texas Instruments Incorporated |
Similar Part No. - TPS826711 |
|
Similar Description - TPS826711 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |