Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27518DBV Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC27518DBV
Description  Single Channel High-Speed, Low-Side Gate Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27518DBV Datasheet(HTML) 2 Page - Texas Instruments

  UCC27518DBV Datasheet HTML 1Page - Texas Instruments UCC27518DBV Datasheet HTML 2Page - Texas Instruments UCC27518DBV Datasheet HTML 3Page - Texas Instruments UCC27518DBV Datasheet HTML 4Page - Texas Instruments UCC27518DBV Datasheet HTML 5Page - Texas Instruments UCC27518DBV Datasheet HTML 6Page - Texas Instruments UCC27518DBV Datasheet HTML 7Page - Texas Instruments UCC27518DBV Datasheet HTML 8Page - Texas Instruments UCC27518DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
UCC27518
UCC27519
SLUSB33 – MAY 2012
www.ti.com
DESCRIPTION (CONT.)
The input pin threshold of the UCC27518 and UCC27519 are based on CMOS logic where the threshold voltage
is a function of the VDD supply voltage. Typically Input High Threshold (VIN-H) is 55% VDD and Input Low
Threshold (VIN-L) is 39% VDD. Wide hysteresis (16% VDD typically) between the high and low thresholds offers
excellent noise immunity and allows users to introduce delays using RC circuits between the input PWM signal
and the INx pin of the device.
The UCC27518 and UCC27519 also feature a floatable enable function on the EN pin. The EN pin can be left in
a no connect condition, which allows pin-to-pin compatibility between the UCC27518, UCC27519 and the
TPS2828, TPS2829 respectively. Enable pin threshold is a fixed voltage threshold and does not vary based on
VDD pin bias voltage. Typically Enable High Threshold (VEN-H) is 2.1 V and Enable Low Threshold (VEN-L) is 1.25
V.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)(2)
OPERATING
PEAK CURRENT
INPUT THRESHOLD
PART NUMBER
PACKAGE
TEMPERATURE RANGE,
(SOURCE/SINK)
LOGIC
TA
Inverting CMOS Logic
UCC27518DBV
(follows VDD bias voltage)
4-A/4-A
SOT-23 5-pin
-40°C to 140°C
Non-Inverting CMOS
(Symmetrical Drive)
UCC27519DBV
Logic
(follows VDD bias voltage)
(1)
For the most current package and ordering information, see Package Option Addendum at the end of this document.
(2)
All packages use Pb-Free lead finish of Pd-Ni-Au which is compatible with MSL level 1 at 255°C to 260°C peak reflow temperature to be
compatible with either lead free or Sn/Pb soldering operations. DRS package is rated MSL level 2.
Table 1. UCC2751x Product Family Summary
PEAK CURRENT
PART NUMBER
PACKAGE
INPUT THRESHOLD LOGIC
(SOURCE/SINK)
UCC27511DBV(1)
SOT-23, 6 pin
4-A/8-A
CMOS/TTL-Compatible
(Asymmetrical Drive)
UCC27512DRS (1)
3 mm x 3 mm WSON, 6 pin
(low voltage, independent of VDD
UCC27516DRS (1)
3 mm x 3 mm WSON, 6 pin
bias voltage)
UCC27517DBV (1)
SOT-23, 5 pin
4-A/4-A
(Symmetrical Drive)
UCC27518DBV
SOT-23, 5 pin
CMOS
(follows VDD bias voltage)
UCC27519DBV
SOT-23, 5 pin
(1)
Visit www.ti.com for the latest product datasheet.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): UCC27518 UCC27519


Similar Part No. - UCC27518DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27518DBV TI1-UCC27518DBV Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518DBV TI1-UCC27518DBV Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518DBV TI1-UCC27518DBV Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518DBV TI1-UCC27518DBV Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27518DBV TI1-UCC27518DBV Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
More results

Similar Description - UCC27518DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517 TI1-UCC27517 Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com