Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27519DBV Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC27519DBV
Description  Single Channel High-Speed, Low-Side Gate Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27519DBV Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC27519DBV Datasheet HTML 7Page - Texas Instruments UCC27519DBV Datasheet HTML 8Page - Texas Instruments UCC27519DBV Datasheet HTML 9Page - Texas Instruments UCC27519DBV Datasheet HTML 10Page - Texas Instruments UCC27519DBV Datasheet HTML 11Page - Texas Instruments UCC27519DBV Datasheet HTML 12Page - Texas Instruments UCC27519DBV Datasheet HTML 13Page - Texas Instruments UCC27519DBV Datasheet HTML 14Page - Texas Instruments UCC27519DBV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
5
10
15
20
0
4
8
12
16
20
Supply Voltage (V)
G008
2
4
6
8
10
0
4
8
12
16
20
Supply Voltage (V)
G009
UCC27517
UCC27516
www.ti.com
SLUSAY4B – MARCH 2012 – REVISED JUNE 2012
TYPICAL CHARACTERISTICS (continued)
RISE TIME
FALL TIME
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 17.
Figure 18.
APPLICATION INFORMATION
Introduction
High-current gate driver devices are required in switching power applications for a variety of reasons. In order to
effect fast switching of power devices and reduce associated switching power losses, a powerful gate driver can
be employed between the PWM output of controllers and the gates of the power semiconductor devices. Further,
gate drivers are indispensable when sometimes it is just not feasible to have the PWM controller directly drive
the gates of the switching devices. With advent of digital power, this situation will be often encountered since the
PWM signal from the digital controller is often a 3.3-V logic signal which is not capable of effectively turning on a
power switch. A level shifting circuitry is needed to boost the 3.3-V signal to the gate-drive voltage (such as 12 V)
in order to fully turn on the power device and minimize conduction losses. Traditional buffer drive circuits based
on NPN/PNP bipolar transistors in totem-pole arrangement, being emitter follower configurations, prove
inadequate with digital power since they lack level-shifting capability. Gate drivers effectively combine both the
level-shifting and buffer-drive functions. Gate drivers also find other needs such as minimizing the effect of high-
frequency switching noise by locating the high-current driver physically close to the power switch, driving gate-
drive transformers and controlling floating power-device gates, reducing power dissipation and thermal stress in
controllers by moving gate charge power losses into itself. Finally, emerging wide band-gap power device
technologies such as GaN based switches, which are capable of supporting very high switching frequency
operation, are driving very special requirements in terms of gate drive capability. These requirements include
operation at low VDD voltages (5 V or lower), low propagation delays and availability in compact, low-inductance
packages with good thermal capability. In summary gate-driver devices are extremely important components in
switching power combining benefits of high-performance, low cost, component count and board space reduction
and simplified system design.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): UCC27517 UCC27516


Similar Part No. - UCC27519DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27519DBV TI1-UCC27519DBV Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27519DBV TI1-UCC27519DBV Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27519DBV TI1-UCC27519DBV Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27519DBV TI1-UCC27519DBV Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27519DBV TI1-UCC27519DBV Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
More results

Similar Description - UCC27519DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com