Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27518DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27518DBVR
Description  Single Channel High-Speed, Low-Side Gate Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27518DBVR Datasheet(HTML) 3 Page - Texas Instruments

  UCC27518DBVR Datasheet HTML 1Page - Texas Instruments UCC27518DBVR Datasheet HTML 2Page - Texas Instruments UCC27518DBVR Datasheet HTML 3Page - Texas Instruments UCC27518DBVR Datasheet HTML 4Page - Texas Instruments UCC27518DBVR Datasheet HTML 5Page - Texas Instruments UCC27518DBVR Datasheet HTML 6Page - Texas Instruments UCC27518DBVR Datasheet HTML 7Page - Texas Instruments UCC27518DBVR Datasheet HTML 8Page - Texas Instruments UCC27518DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
UCC27518
UCC27519
www.ti.com
SLUSB33 – MAY 2012
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage range
VDD
-0.3
20
V
OUT voltage
-0.3
VDD + 0.3
Output continuous current
IOUT_DC (source/sink)
0.3
A
Output pulsed current (0.5 µs)
IOUT_pulsed(source/sink)
4
IN+, IN-(4), EN
-0.3
20
Human Body Model, HBM
2000
V
ESD
Charged Device Model, CDM SOT-
500
23
Operating virtual junction temperature range, TJ
-40
150
Storage temperature range, TSTG
-65
150
°C
Soldering, 10 sec.
300
Lead temperature
Reflow
260
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND unless otherwise noted. Currents are positive into, negative out of the specified terminal. See
Packaging Section of the datasheet for thermal limitations and considerations of packages.
(3)
These devices are sensitive to electrostatic discharge; follow proper device handling procedures.
(4)
Maximum voltage on input pins is not restricted by the voltage on the VDD pin.
THERMAL INFORMATION
UCC27518
UCC27519
THERMAL METRIC
SOT-23 DBV
SOT-23 DBV(1)
UNITS
5 PINS
5 PINS
θJA
Junction-to-ambient thermal resistance(2)
217.6
217.6
θJCtop
Junction-to-case (top) thermal resistance(3)
85.8
85.8
θJB
Junction-to-board thermal resistance(4)
44.0
44.0
°C/W
ψJT
Junction-to-top characterization parameter(5)
4.0
4.0
ψJB
Junction-to-board characterization parameter(6)
43.2
43.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UCC27518 UCC27519


Similar Part No. - UCC27518DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27518DBV TI1-UCC27518DBV Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518DBV TI1-UCC27518DBV Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518DBV TI1-UCC27518DBV Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518DBV TI1-UCC27518DBV Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27518DBV TI1-UCC27518DBV Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
More results

Similar Description - UCC27518DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517 TI1-UCC27517 Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com