Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1160 Datasheet(PDF) 6 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 6 Page - ams AG

Back Button AS1160 Datasheet HTML 2Page - ams AG AS1160 Datasheet HTML 3Page - ams AG AS1160 Datasheet HTML 4Page - ams AG AS1160 Datasheet HTML 5Page - ams AG AS1160 Datasheet HTML 6Page - ams AG AS1160 Datasheet HTML 7Page - ams AG AS1160 Datasheet HTML 8Page - ams AG AS1160 Datasheet HTML 9Page - ams AG AS1160 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
6 - 29
AS1160/AS1161
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
AVDD = DVDD = 3V to 3.6V, TAMB = -40°C to +85°C, RLOAD=28
Ω, CLOAD = 10pF, typical values @ TAMB = +25°C and
VDD = 3.3V (unless otherwise specified).
Serializer Electrical Characteristics
Serializer Timing Requirements for TCLK
Serializer Switching Characteristics
Table 4. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Serializer LVCMOS/LVTTL DC Specifications (pins DINx, TCLK, PWDNN, TCKR/FN, SYNC1, SYNC2, DEN)
VIH
High Level Input Voltage
2.0
VDD
V
VIL
Low Level Input Voltage
GND
0.8
V
IIN
Input Current
VIN = 0V or 3.6V
-1
+1
µA
Serializer Bus LVDS DC Specifications (pins DO+ and DO-)
VOD
Output Differential Voltage
(DO+ to DO-)
Figure 34 on page 18
200
360
mV
ΔVOD
Output Differential Voltage
Unbalance
1
35
mV
VOS
Offset Voltage
1.1
1.2
1.3
V
ΔVOS
Offset Voltage Unbalance
2
35
mV
IOS
Output Short-Circuit
Current
DO = 0V, DIN = High,
PWDNN and DEN = VDD
-13
-20
mA
IOZ
Tri-State Output Current
PWDNN or DEN = GND, DO = 0V or VDD
-1
+1
µA
IOX
Power-Off Output Current
PWDNN = DEN = VDD = 0V,
DO = 0V or 3.6V
-1
+1
µA
Serializer Supply Current (pins DVDD and AVDD)
ICCD
Serializer Supply Current
(Worst Case) ICC-Pattern
Figure 16 on page 12
f = 20MHz
35
50
mA
f = 66MHz
70
90
ICCXD
Serializer Supply Current
(Powerdown)
PWDNN = GND, fCLK = DC (off)
400
700
µA
Table 5. Serializer Timing Requirements for TCLK
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCLK
Transmit Clock Freq.
Figure 20 on page 13
20
66
MHz
tTCP
Transmit Clock Period
15.15
50
ns
tTCDC
Transmit Clock Duty Cycle
40
60
%
tCLKT
TCLK Input Transition Time
3
6
ns
tJIT
TCLK Input Jitter
150
ps
(RMS)
Table 6. Serializer Switching Characteristics
1
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tLLHT
Bus LVDS Low-to-High
Transition Time
Figure 18 on page 13
0.25
0.4
ns
tLHLT
Bus LVDS High-to-Low
Transition Time
0.25
0.4
ns


Similar Part No. - AS1160

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AS11619 SUMIDA-AS11619 Datasheet
200Kb / 2P
   LF Transmitter Antenna
AS11619-125A SUMIDA-AS11619-125A Datasheet
200Kb / 2P
   LF Transmitter Antenna
AS11619-125B SUMIDA-AS11619-125B Datasheet
200Kb / 2P
   LF Transmitter Antenna
AS11619-125C SUMIDA-AS11619-125C Datasheet
200Kb / 2P
   LF Transmitter Antenna
AS11619-125D SUMIDA-AS11619-125D Datasheet
200Kb / 2P
   LF Transmitter Antenna
More results

Similar Description - AS1160

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN921025 NSC-SCAN921025 Datasheet
474Kb / 21P
   30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921023 TI1-SCAN921023_13 Datasheet
945Kb / 25P
[Old version datasheet]   SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025 TI1-SCAN921025_13 Datasheet
906Kb / 27P
[Old version datasheet]   SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Keysight Technologies
N8817A KEYSIGHT-N8817A Datasheet
8Mb / 8P
   JTAG (IEEE 1149.1) Protocol
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
National Semiconductor ...
SCAN921260 NSC-SCAN921260 Datasheet
379Kb / 16P
   X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025H NSC-SCAN921025H_05 Datasheet
903Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com