Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXS018 Datasheet(PDF) 3 Page - Elektron Components Ltd.

Part # BXS018
Description  Battery Holders
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

BXS018 Datasheet(HTML) 3 Page - Elektron Components Ltd.

  BXS018 Datasheet HTML 1Page - Elektron Components Ltd. BXS018 Datasheet HTML 2Page - Elektron Components Ltd. BXS018 Datasheet HTML 3Page - Elektron Components Ltd. BXS018 Datasheet HTML 4Page - Elektron Components Ltd. BXS018 Datasheet HTML 5Page - Elektron Components Ltd. BXS018 Datasheet HTML 6Page - Elektron Components Ltd. BXS018 Datasheet HTML 7Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.elektron-bulgin.com
BXS011/1
BXS001/1
1, 2 or 3 Cells
Flanged Panel Mount
Bayonet with finger/coin slot
release
Supplied with gasket and
sealing grommets for screws
1, 2 or 3 Cells
Panel Mount
Screw Cap/Hand release
Supplied with gasket
Specification
BXS011/1, BXS012/1, BXS013/1
BXS001/1, BXS002/1, BXS003/1
BXS016, BXS017, BXS018
Battery/Cell Type:
AA (R6)
C (R14)
D (R20)
No. Cells:
BXS011/1 - 1 cell
BXS001/1 - 1 cell
BXS016 -1 cell
BXS012/1 - 2 cells
BXS002/1 - 2 cells
BXS017 - 2 cells
BXS013/1 - 3 cells
BXS003/1 - 3 cells
BXS018 - 3 cells
Terminations:
2.8 series tabs/solder tags
2.8 series tabs/solder tags
4.8 series tabs/solder tags
Operating Temperature:
–30˚C to +70˚C
–30˚C to +70˚C
–30˚C to +70˚C
Mouldings:
Nylon
Nylon
Nylon
Glass filled Polyester
Glass filled Polyester
Glass filled Polyester
Polycarbonate
Flammability Rating:
UL94V-0
UL94V-0
UL94V-0
Contacts:
Brass, Tin Plated - rear contact
Brass, Tin Plated - front and rear contacts
Brass, Nickel Plated - front and rear
Nickel Silver, clean - front contact
Nickel Silver, clean - cap contact plate
contacts and cap contact plate
and cap contact plate
Features:
Bayonet cap with finger grip and coin slot
Screw on cap with finger grip
Bayonet cap with finger grip
Rear support bracket
Recommended torque for panel ring
Rear support bracket
1.13-1.7Nm (10-15lbf.in)
Sealing (front of panel):
Protection classification
Protection classification
Protection classification
IP67, BS60529:1992
IP67, BS60529:1992
IP67, BS60529:1992
Notes:
Recommend 2 & 3 cell versions are
Recommend 2 & 3 cell versions are
supported by rear bracket
supported by rear bracket
Compliant
Compliant
Compliant
Front panel sealed to IP67
BXS016
1, 2 or 3 Cells
Flanged Panel Mount
Bayonet/finger release
Supplied with flange gasket
and sealing grommets for
screws
7
AA SIZE BATTERY HOLDER
C SIZE BATTERY HOLDER
D SIZE BATTERY HOLDER
BATTERY HOLDERS
BattHolSection - 2010:BattHolSection - 2005
8/6/10
16:28
Page 7


Similar Part No. - BXS018

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
BXS018 BULGIN-BXS018 Datasheet
104Kb / 1P
   BATTERY HOLDERS Front panel sealed to IP67
More results

Similar Description - BXS018

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH-25 ADAM-TECH-BH-25 Datasheet
155Kb / 1P
   BATTERY HOLDERS COIN CELL BATTERY HOLDERS
BH-21-3 ADAM-TECH-BH-21-3 Datasheet
85Kb / 1P
   BATTERY HOLDERS
logo
Elektron Components Ltd...
BX0016 BULGIN-BX0016 Datasheet
107Kb / 1P
   BATTERY HOLDERS
logo
Adam Technologies, Inc.
BH-13-3 ADAM-TECH-BH-13-3 Datasheet
81Kb / 1P
   BATTERY HOLDERS
logo
List of Unclassifed Man...
146 ETC2-146 Datasheet
355Kb / 1P
   INTERCONNECT BATTERY HOLDERS
12BH331C-GR ETC2-12BH331C-GR Datasheet
147Kb / 1P
   3 AA Battery Holders
logo
Elektron Components Ltd...
BX0011 BULGIN-BX0011 Datasheet
95Kb / 1P
   BATTERY HOLDERS Panel Mounting
BX0036 BULGIN-BX0036 Datasheet
97Kb / 1P
   BATTERY HOLDERS PC/Base Mounting
BX0123 BULGIN-BX0123 Datasheet
92Kb / 1P
   BATTERY HOLDERS PC/Base Mounting
logo
List of Unclassifed Man...
174 ETC2-174 Datasheet
115Kb / 2P
   RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com