Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX0354 Datasheet(PDF) 10 Page - Elektron Components Ltd.

Part # FX0354
Description  FUSEHOLDERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

FX0354 Datasheet(HTML) 10 Page - Elektron Components Ltd.

Back Button FX0354 Datasheet HTML 6Page - Elektron Components Ltd. FX0354 Datasheet HTML 7Page - Elektron Components Ltd. FX0354 Datasheet HTML 8Page - Elektron Components Ltd. FX0354 Datasheet HTML 9Page - Elektron Components Ltd. FX0354 Datasheet HTML 10Page - Elektron Components Ltd. FX0354 Datasheet HTML 11Page - Elektron Components Ltd. FX0354 Datasheet HTML 12Page - Elektron Components Ltd. FX0354 Datasheet HTML 13Page - Elektron Components Ltd. FX0354 Datasheet HTML 14Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.elektron-bulgin.com
156
FUSEHOLDERS
FX0462
FX0419
FX0463
Panel Sealed to IP68
Touchproof Category PC2
Fuse Size 6.3 x 32mm
Screw Cap/Screwdriver/Hand
Release
16A, 250V ac
Panel Sealed to IP68
Touchproof Category PC2
Fuse Size 5 x 20mm
Screw Cap/Screwdriver/Hand
Release
10A, 250V ac
Panel Sealed to IP68
Touchproof Category PC2
Fuse Size 5 x 20mm
High Profile Bezel
Screw Cap/Screwdriver/Hand
Release
10A, 250V ac
Specification
FX0419
FX0462
FX0463
Fuse Size:
6.3 x 32mm
5 x 20mm
5 x 20mm
Fuse Carrier:
Screw cap/Screwdriver/Hand release
Screw cap/Screwdriver/Hand release
Screw cap/Screwdriver/Hand release
Terminations:
6.3 series tabs
Solder tags
Solder tags
Max. Rating:
16A, 250V ac
10A, 250V ac
10A, 250V ac
Max. Power Dissipation:
2.5W (@ 23ºC)
2.5W (@ 23ºC)
2.5W (@ 23ºC)
Insulation Resistance:
>106M
Ω @ 500V d.c.
>102M
Ω @ 500V d.c.
>102M
Ω @ 500V d.c.
A.C. Breakdown:
>2kV @ 50Hz
7kV @ 50Hz
7kV @ 50Hz
Contact Resistance:
<10m
<10m
<10m
Operating Temp:
–20˚C to +85˚C
–20˚C to +85˚C
–20˚C to +85˚C
(ambient air temp + fuse temp rise)
(ambient air temp + fuse temp rise)
(ambient air temp + fuse temp rise)
Mouldings:
Body:
Polyester UL94V-0 rated
Polyester UL94V-0 rated
Polyester UL94V-0 rated
Cap:
Nylon UL94V-0 rated
Nylon UL94V-0 rated
Nylon UL94V-0 rated
Nut:
Glass Filled Nylon UL94V-0 rated
Glass Filled Nylon UL94V-0 rated
Glass Filled Nylon UL94V-0 rated
Contacts:
Brass, Silver Plated
Brass, Silver Plated
Brass, Silver Plated
Tightening Torque:
Cap:
0.4 - 0.6Nm (3.54-5.3lbf.in.)
0.4 - 0.6Nm (3.54-5.3lbf.in.)
0.4 - 0.6Nm (3.54-5.3lbf.in.)
Panel Nut:
0.5Nm (4.4lbf.in.)
0.5Nm (4.4lbf.in.)
0.5Nm (4.4lbf.in.)
Sealing:
IP68 to EN60529:1992
IP68 to EN60529:1992
IP68 to EN60529:1992
Approvals:
Accessories:
-
P.Nos. 11327 (See page 163)
P.No. 11327(See page 163)
Compliant
Compliant
Compliant
Panel Mounting Touchproof, Sealed to IP68, PC2
PANEL MOUNT
PANEL MOUNT
PANEL MOUNT
RoHS
FuseHolSection - 2010:FuseHolSection - 2005_iss2
8/6/10
17:02
Page 156


Similar Part No. - FX0354

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0354 BULGIN-FX0354 Datasheet
69Kb / 1P
   Panel Mounting, PC2
FX0354/S BULGIN-FX0354/S Datasheet
69Kb / 1P
   Panel Mounting, PC2
More results

Similar Description - FX0354

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
   FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Cooper Bussmann, Inc.
HHX COOPER-HHX Datasheet
59Kb / 1P
   Fuseholders
logo
Littelfuse
02982001Z LITTELFUSE-02982001Z Datasheet
120Kb / 1P
   Fuseholders
153002 LITTELFUSE-153002 Datasheet
191Kb / 2P
   FUSEHOLDERS
1520007Z LITTELFUSE-1520007Z Datasheet
89Kb / 1P
   Fuseholders
04450715H LITTELFUSE-04450715H Datasheet
64Kb / 1P
   Fuseholders
03450101HX010 LITTELFUSE-03450101HX010 Datasheet
204Kb / 3P
   Fuseholders
647 LITTELFUSE-647 Datasheet
91Kb / 1P
   MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
   MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com