Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX0463 Datasheet(PDF) 2 Page - Elektron Components Ltd.

Part # FX0463
Description  FUSEHOLDERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

FX0463 Datasheet(HTML) 2 Page - Elektron Components Ltd.

  FX0463 Datasheet HTML 1Page - Elektron Components Ltd. FX0463 Datasheet HTML 2Page - Elektron Components Ltd. FX0463 Datasheet HTML 3Page - Elektron Components Ltd. FX0463 Datasheet HTML 4Page - Elektron Components Ltd. FX0463 Datasheet HTML 5Page - Elektron Components Ltd. FX0463 Datasheet HTML 6Page - Elektron Components Ltd. FX0463 Datasheet HTML 7Page - Elektron Components Ltd. FX0463 Datasheet HTML 8Page - Elektron Components Ltd. FX0463 Datasheet HTML 9Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.elektron-bulgin.com
148
FUSEHOLDERS
Protection Categories
Category PC1:
No integral protection against electric shock. If required, Designers/Manufacturers must provide
additional protection against electric shock on equipment.
Category PC2:
With integral protection against electric shock. Fuseholders shall have live parts inaccessible to
IEC 60529 Standard Test Finger, when fully assembled, without fuse carrier or fuse in place and when
fuse carrier, with fuse is being inserted or withdrawn.
Category PC3:
With integral protection against electric shock. Fuseholders shall have live parts inaccessible to
IEC 60529 1mm dia. rigid test wire when fully assembled, without fuse carrier or fuse in place and
when fuse carrier, with fuse, is being inserted or withdrawn.
For full definitions see IEC 60127-6 : 1994 Clause 9
FuseHolSection - 2010:FuseHolSection - 2005_iss2
8/6/10
17:01
Page 148


Similar Part No. - FX0463

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0463 BULGIN-FX0463 Datasheet
99Kb / 1P
   Panel Mounting Touchproof, Sealed to IP68, PC2
More results

Similar Description - FX0463

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
   FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Cooper Bussmann, Inc.
HHX COOPER-HHX Datasheet
59Kb / 1P
   Fuseholders
logo
Littelfuse
02982001Z LITTELFUSE-02982001Z Datasheet
120Kb / 1P
   Fuseholders
153002 LITTELFUSE-153002 Datasheet
191Kb / 2P
   FUSEHOLDERS
1520007Z LITTELFUSE-1520007Z Datasheet
89Kb / 1P
   Fuseholders
04450715H LITTELFUSE-04450715H Datasheet
64Kb / 1P
   Fuseholders
03450101HX010 LITTELFUSE-03450101HX010 Datasheet
204Kb / 3P
   Fuseholders
647 LITTELFUSE-647 Datasheet
91Kb / 1P
   MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
   MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com