Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX0365 Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # FX0365
Description  FUSEHOLDERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

FX0365 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  FX0365 Datasheet HTML 1Page - Elektron Components Ltd. FX0365 Datasheet HTML 2Page - Elektron Components Ltd. FX0365 Datasheet HTML 3Page - Elektron Components Ltd. FX0365 Datasheet HTML 4Page - Elektron Components Ltd. FX0365 Datasheet HTML 5Page - Elektron Components Ltd. FX0365 Datasheet HTML 6Page - Elektron Components Ltd. FX0365 Datasheet HTML 7Page - Elektron Components Ltd. FX0365 Datasheet HTML 8Page - Elektron Components Ltd. FX0365 Datasheet HTML 9Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.elektron-bulgin.com
147
FUSEHOLDERS
FUSEHOLDERS
Type
Fuse Size (mm)
Page
Captive Carriers
FX0430
5 x 20
149
FX0460
5 x 20
149
FX0461
5 x 20
158
Panel Mounting
FX0357
5 x 20
150
FX0359
5 x 20
150
FX0367
5 x 20
150
FX0369/1
5 x 20
150
FX0369/2
5 x 20
150
FX0454
5 x 20
151
FX0454/S
5 x 20
151
FX0455
5 x 20
151
FX0455/S
5 x 20
151
FX0458/1
5 x 20
151
FX0458/2
5 x 20
151
FX0415
6.3 x 32
152
FX0415/S
6.3 x 32
152
FX0416
6.3 x 25
152
FX0416/S
6.3 x 25
152
FX0417
6.3 x 32
153
FX0418/1
6.3 x 32
153
FX0418/2
6.3 x 32
153
FX0354
5 x 20
154
FX0354/S
5 x 20
154
FX0296
5 x 20
155
FX0296/S
5 x 20
155
FX0296/1
5 x 20
155
Type
Fuse Size (mm)
Page
Panel Mounting - IP66 and IP68
FX0419
6.3 x 32
156
FX0462
5 x 20
156
FX0463
5 x 20
156
FX0345
5 x 20
157
FX0345/A
5 x 20
157
FX0365
5 x 20
157
FX0365/A
5 x 20
157
P.C. Mounting
FX0461
5 x 20
158
FX0456
5 x 20
158
FX0457
5 x 20
158
FX0330
5 x 20
158
FX0342
5 x 20
158
FX0442
5 x 20
159
FX0443
5 x 20
159
FX0321
5 x 20
160
Base Mounting
FX0267
5 x 20
160
FX0360
5 x 20
160
FX0326
6.3 x 32
161
FX0331
6.3 x 25
161
FX0327
6.3 x 32
161
In-Line Fuseholders
FX0180
6.3 x 32
162
FX0185
6.3 x 32
162
FX0280
6.3 x 25
162
FX0285
6.3 x 25
162
FX0380
5 x 20
162
FX0385
5 x 20
162
Fuseholder Accessories
163
Bulgin’s extensive range of fuseholders are designed to give the degree
of protection demanded in today’s sophisticated electronic equipment.
Carrying world-wide safety approvals from UL, VDE, CSA and IMQ, all
types are manufactured from high grade flame retardant nylon and
polyester materials.
Designed primarily for 5 x 20mm and 6.3 x 32mm size fuses with
protection against shock to categories PC1, PC2 and PC3. There's a
choice of styles for in-line, PCB mounting and panel mounting (screw or
snap fit) with terminal options for solder, 2.8mm, 4.8mm or 6.3mm tabs
or PC spills.
Dust and waterproof designs provide a front of panel seal to IP68 in
both 5 x 20mm and 6.3 x 32mm size fuses.
Fuse carrier styles include captive drawer, screw cap - with screw driver
release, bayonet cap - with screw driver release and screw cap - with
finger release.
FuseHolSection - 2010:FuseHolSection - 2005_iss2
8/6/10
17:01
Page 147


Similar Part No. - FX0365

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0365 BULGIN-FX0365 Datasheet
81Kb / 1P
   Panel Mounting Sealed to IP66, PC1
FX0365/A BULGIN-FX0365/A Datasheet
81Kb / 1P
   Panel Mounting Sealed to IP66, PC1
More results

Similar Description - FX0365

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
   FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Cooper Bussmann, Inc.
HHX COOPER-HHX Datasheet
59Kb / 1P
   Fuseholders
logo
Littelfuse
02982001Z LITTELFUSE-02982001Z Datasheet
120Kb / 1P
   Fuseholders
153002 LITTELFUSE-153002 Datasheet
191Kb / 2P
   FUSEHOLDERS
1520007Z LITTELFUSE-1520007Z Datasheet
89Kb / 1P
   Fuseholders
04450715H LITTELFUSE-04450715H Datasheet
64Kb / 1P
   Fuseholders
03450101HX010 LITTELFUSE-03450101HX010 Datasheet
204Kb / 3P
   Fuseholders
647 LITTELFUSE-647 Datasheet
91Kb / 1P
   MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
   MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com