Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBTA70 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SMBTA70
Description  PNP Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBTA70 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SMBTA70 Datasheet HTML 1Page - Siemens Semiconductor Group SMBTA70 Datasheet HTML 2Page - Siemens Semiconductor Group SMBTA70 Datasheet HTML 3Page - Siemens Semiconductor Group SMBTA70 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
PNP Silicon Transistor
SMBTA 70
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
SMBTA 70
Q62702-M0003
s2C
SOT-23
B
E
C
1
2
3
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
40
V
Collector current
IC
100
mA
Total power dissipation, TS =71 ˚C
Ptot
330
mW
Junction temperature
Tj
150
˚C
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Junction - ambient2)
Rth JA
310
K/W
Junction - soldering point
Rth JS
240
Emitter-base voltage
VEB0
4
Peak collector current
ICM
200
Peak base current
IBM
100
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
q
For AF input stages and driver applications
q
High current gain
q
Low collector-emitter saturation voltage
5.91


Similar Part No. - SMBTA70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBTA05 SIEMENS-SMBTA05 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors
SMBTA06 SIEMENS-SMBTA06 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
SMBTA06 INFINEON-SMBTA06 Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
SMBTA06 INFINEON-SMBTA06 Datasheet
535Kb / 7P
   NPN Silicon AF Transistor
2011-12-19
More results

Similar Description - SMBTA70

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com