Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX0484 Datasheet(PDF) 2 Page - Elektron Components Ltd.

Part # PX0484
Description  IP68 Sealed - Mini USB Buccaneer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0484 Datasheet(HTML) 2 Page - Elektron Components Ltd.

  PX0484 Datasheet HTML 1Page - Elektron Components Ltd. PX0484 Datasheet HTML 2Page - Elektron Components Ltd. PX0484 Datasheet HTML 3Page - Elektron Components Ltd. PX0484 Datasheet HTML 4Page - Elektron Components Ltd. PX0484 Datasheet HTML 5Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.elektron-bulgin.com
59
BUCCANEER FOR DATA
PX0441
PX0442
PX0444
Standard ‘A’ type to sealed Mini
‘B’ type
Fully overmoulded construction
Available in 2, 3 & 4.5m lengths
Mates with PX0443, PX0446,
PX0447, PX0456, PX0457 &
PX0458
Mini ‘A’ type to sealed mini ‘B’
type
Fully overmoulded construction
Available in 2, 3 & 4.5m lengths
Mates with PX0443, PX0446,
PX0447, PX0456, PX0457 &
PX0458
Mini ‘B’ type to Sealed Mini ‘A’
type
Fully overmoulded construction
Available in 2, 3 & 4.5m lengths
Mates with PX0456, PX0457 &
PX0458
SEALED MINI USB CABLES - SINGLE ENDED
Part No.
Description
Length
PX0441/2M00
IP68 mini ‘B’ to Std ‘A’ type USB
2.0m
PX0441/3M00
IP68 mini ‘B’ to Std ‘A’ type USB
3.0m
PX0441/4M50
IP68 mini ‘B’ to Std ‘A’ type USB
4.5m
PX0442/2M00
IP68 mini ‘B’ to Mini ‘A’ type USB
2.0m
PX0442/3M00
IP68 mini ‘B’ to Mini ‘A’ type USB
3.0m
PX0442/4M50
IP68 mini ‘B’ to Mini ‘A’ type USB
4.5m
PX0444/2M00
IP68 mini ‘A’ to Mini ‘B’ type USB
2.0m
PX0444/3M00
IP68 mini ‘A’ to Mini ‘B’ type USB
3.0m
PX0444/4M50
IP68 mini ‘A’ to Mini ‘B’ type USB
4.5m
Mini USB Buccaneer
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:39
Page 59


Similar Part No. - PX0484

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0480 BULGIN-PX0480 Datasheet
209Kb / 3P
   SMB Buccaneer짰
logo
List of Unclassifed Man...
PX0480 ETC2-PX0480 Datasheet
204Kb / 4P
   SMB Buccaneer
logo
Elektron Components Ltd...
PX0480/BK BULGIN-PX0480/BK Datasheet
327Kb / 4P
   FireWire Buccaneer짰
PX0481 BULGIN-PX0481 Datasheet
209Kb / 3P
   SMB Buccaneer짰
logo
List of Unclassifed Man...
PX0481 ETC2-PX0481 Datasheet
204Kb / 4P
   SMB Buccaneer
More results

Similar Description - PX0484

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
   USB Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
   Mini Buccaneer
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
   SMB Buccaneer
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
   Buccaneer Antenna
logo
List of Unclassifed Man...
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
   400 Series Buccaneer
logo
C&K Components
PNP CK-COMPONENTS-PNP Datasheet
432Kb / 5P
   IP68 sealed to endure harsh environments
logo
PowerDynamics, Inc
3353K00030 POWERDYNAMICS-3353K00030 Datasheet
342Kb / 1P
   Metal Waterproof USB/A Coupler (IP68)
logo
Elektron Components Ltd...
FX0419 BULGIN-FX0419 Datasheet
99Kb / 1P
   Panel Mounting Touchproof, Sealed to IP68, PC2
logo
List of Unclassifed Man...
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
   400 Series Buccaneer
PX0731 ETC2-PX0731 Datasheet
3Mb / 9P
   BUCCANEER FOR POWER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com