Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12505WR-02 Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # 12505WR-02
Description  (0.049") PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

12505WR-02 Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  12505WR-02 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com 59
59
59
59
Available Pin
Available Pin
Available Pin
Available Pin
PARTS
PARTS
PARTS
PARTS NO.
NO.
NO.
NO.
AAAA
BBBB
CCCC
12505WR-02
7.25
3.05
-
12505WR-03
8.50
4.30
2.50
12505WR-04
9.75
5.55
3.75
12505WR-05
11.00
6.80
5.00
12505WR-06
12.25
8.05
6.25
12505WR-07
13.50
9.30
7.50
12505WR-08
14.75
10.55
8.75
12505WR-09
16.00
11.80
10.00
12505WR-10
17.25
13.05
11.25
12505WR-11
18.50
14.30
12.50
12505WR-12
19.75
15.55
13.75
12505WR-13
21.00
16.80
15.00
12505WR-14
22.25
18.05
16.25
12505WR-15
23.50
19.30
17.50
Specification
Specification
Specification
Specification
ITEM
ITEM
ITEM
ITEM
SPEC
SPEC
SPEC
SPEC
Voltage Rating
AC/DC 125V
Current Rating
AC/DC 1A
Operating Temperature
-25
~+85
Contact Resistance
30m
MAX
Withstanding Voltage
AC250V/1min
Insulation Resistance
100M
MIN
Applicable Wire
-
Applicable P.C.B
0.8 ~ 1.6mm
Applicable FPC/FFC
-
Solder Height
0.15mm
Crimp Tensile Strength
-
UL FILE NO
E108706
Material
Material
Material
Material
I/NO
I/NO
I/NO
I/NO DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
MATERIAL
MATERIAL
MATERIAL
MATERIAL
1
WAFER
NYLON46 or PA6T, UL94V-0
2
PIN
Phosphor Bronze, Tin-plated
3
HOOK
Brass, Tin-plated
PCB
PCB
PCB
PCB LAYOUT (12505WR-NN)
LAYOUT (12505WR-NN)
LAYOUT (12505WR-NN)
LAYOUT (12505WR-NN)
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y (12505WR-NN)
(12505WR-NN)
(12505WR-NN)
(12505WR-NN)
SECTION A - A'
SECTION A - A'
SECTION A - A'
SECTION A - A'


Similar Part No. - 12505WR-02

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
12505WR-02A00 YEONHO-12505WR-02A00 Datasheet
403Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com