Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14193 Datasheet(PDF) 3 Page - Elektron Components Ltd.

Part # 14193
Description  USB Buccaneer짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

14193 Datasheet(HTML) 3 Page - Elektron Components Ltd.

  14193 Datasheet HTML 1Page - Elektron Components Ltd. 14193 Datasheet HTML 2Page - Elektron Components Ltd. 14193 Datasheet HTML 3Page - Elektron Components Ltd. 14193 Datasheet HTML 4Page - Elektron Components Ltd. 14193 Datasheet HTML 5Page - Elektron Components Ltd. 14193 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.elektron-bulgin.com
54
BUCCANEER FOR DATA
USB Buccaneer®
PX0842/A
PX0842/B
PX0842/A - USB ‘A’ type IP68
connector
PX0842/B - USB ‘B’ type IP68
connector
Opposite connector to rear of
panel
Mates with PX0840 and
PX0841cable connectors
FRONT PANEL MOUNTING CONNECTOR
Part No.
Description
PX0842/A
IP68 A type USB, front panel mounted. Sealed A type at front of panel, standard B type at rear.
PX0842/B
IP68 B type USB, front panel mounted. Sealed B type at front of panel, standard A type at rear.
PX0843/A
PX0843/B
PX0843/A - USB ‘A’ type IP68
connector
PX0843/B - USB ‘B’ type IP68
connector
Leaded with 5 way crimp
connector
Mates with PX0840 and PX0841
cable connectors
FRONT PANEL MOUNTING CONNECTOR
Part No.
Description
PX0843/A
IP68 A type USB, front panel mounted. Sealed A type at front of panel, 5 way crimp connector at rear.
PX0843/B
IP68 B type USB, front panel mounted. Sealed B type at front of panel, 5 way crimp connector at rear.
PX0460/A
As PX0843/A with exposed braid for use with PX0465 screening can
PX0460/B
As PX0843/B with exposed braid for use with PX0465 screening can
PX0844/A
PX0844/B
IP68 Sealed through panel
PX0844/A - USB 'A' type IP68
connector
PX0844/B - USB 'B' type IP68
connector
Standard USB interface plug
options to rear of panel
500mm standard cable length,
other lengths available
Mates with PX0840 and
PX0841
FRONT PANEL MOUNTING CONNECTOR
Part No.
Description
PX0844/A/0M50/A
IP68 A type USB, sealed through panel, Sealed 'A' type at front of panel, standard 'A' type at rear
PX0844/A/0M50/B
IP68 A type USB, sealed through panel, Sealed 'A' type at front of panel, standard 'B' type at rear
PX0844/B/0M50/A
IP68 B type USB, sealed through panel, Sealed 'B' type at front of panel, standard 'A' type at rear
PX0844/B/0M50/B
IP68 B type USB, sealed through panel, Sealed 'B' type at front of panel, standard 'B' type at rear
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:38
Page 54


Similar Part No. - 14193

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419302 PHOENIX-1419302 Datasheet
609Kb / 16P
   SACCBP-FS-4CON-M16/1,0-PUR SCO - Device connector, rear mounting
1419315 PHOENIX-1419315 Datasheet
607Kb / 16P
   SACCBP-FS-4CON-M16/2,0-PUR SCO - Device connector, rear mounting
1419328 PHOENIX-1419328 Datasheet
1Mb / 14P
   SACCBP-FS-5CON-M16/1,0-PUR SCO - Device connector, rear mounting
1419331 PHOENIX-1419331 Datasheet
173Kb / 12P
   Bus system flush-type socket - SACCBP-FS-5CON-M16/2,0-PURSCO
09/11/2020
1419344 PHOENIX-1419344 Datasheet
520Kb / 14P
   SACCBP-FS-8CON-M16/2,0-PUR SCO - Device connector, rear mounting
More results

Similar Description - 14193

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0415 BULGIN-PX0415 Datasheet
209Kb / 3P
   SMB Buccaneer짰
PX0417 BULGIN-PX0417 Datasheet
327Kb / 4P
   FireWire Buccaneer짰
logo
List of Unclassifed Man...
SA3319 ETC2-SA3319 Datasheet
585Kb / 20P
   Buccaneer짰 Connectors
logo
Elektron Components Ltd...
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
   Mini Buccaneer짰
PX0836 BULGIN-PX0836 Datasheet
458Kb / 6P
   Ethernet Buccaneer짰
PX0482 BULGIN-PX0482 Datasheet
509Kb / 6P
   400 Series Buccaneer짰
PX0911 BULGIN-PX0911 Datasheet
451Kb / 6P
   900 Series Buccaneer짰
logo
PHOENIX CONTACT
2986135 PHOENIX-2986135 Datasheet
57Kb / 3P
   USB cable - CABLE-USB/MINI-USB-3,0M
09/12/2020
logo
List of Unclassifed Man...
PL-2301 ETC1-PL-2301 Datasheet
27Kb / 1P
   USB TO USB BRIDGE CONTROLLER
logo
Future Technology Devic...
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
   USB UART ( USB - Serial) I.C.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com