Electronic Components Datasheet Search |
|
14194 Datasheet(PDF) 6 Page - Elektron Components Ltd. |
|
14194 Datasheet(HTML) 6 Page - Elektron Components Ltd. |
6 / 6 page www.elektron-bulgin.com 57 Cable construction - PX0840, PX0841 SPECIFICATION Cables & connectors Mechanical Sealing IP68, EN60529 Operating temperature 0˚C to +70˚C Electrical No. of poles 4 Current rating 1A Voltage rating 30Vac (RMS) Contact resistance 30m Ω max. Performance USB version 2.0 Materials - Overmoulded Overmould material PVC (black) Flammability rating UL94V-0 Materials - Re-wireable and Panel Connectors Shell material Steel Shell plating Nickel Contact material Copper Alloy Contact plating 30 micro inch Gold Connector body & locking ring Polyester Panel connector Nylon 6 Flammability rating UL94V-0 ‘O’ rings Silicon Panel Gasket - round Silicon Panel Gasket - square Neoprene Mating cycles 1,000 Compliant Materials - cable Cable Jacket PVC (black) Screen Tinned copper braid Flammability UL94V-0 Compliant Conductors Conductors Length: Dia Signal Power 2m 4.8mm 2 x 28AWG 2 x 24AWG 3m 5.0mm 2 x 28AWG 2 x 22AWG 5m 5.2mm 2 x 25AWG 2 x 20AWG PCB adaptor leads Electrical No. of conductors 4 Current rating 1A Voltage rating 30Vac (RMS) Contact resistance <10m Ω max. PCB pitch 2.54mm Materials Moulding Polycarbonate Flammability UL94V-0 Contact material Copper Alloy Contact plating 30 micro inch Gold Wire insulation PVC (black) Flammability UL94-V0 Conductors 4 x 28AWG Operating temperature 0˚C to +70˚C Mating cycles 1,000 Compliant RoHS RoHS RoHS PVC Jacket Braid Insulation SR-PVC Insulation HD-PE Insulation - Polyolefin Conductor 2M - 28AWG 3M - 28AWG 5M - 25AWG Conductor 2M - 24AWG 3M - 22AWG 5M - 20AWG Drain Wire USB Buccaneer® BUCCANEER FOR DATA Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8 8/6/10 16:39 Page 57 |
Similar Part No. - 14194 |
|
Similar Description - 14194 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |