Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0E1450H0 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # 0E1450H0
Description  GENERAL PURPOSE - SINGLE POLE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

0E1450H0 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  0E1450H0 Datasheet HTML 1Page - Cherry Semiconductor Corporation 0E1450H0 Datasheet HTML 2Page - Cherry Semiconductor Corporation 0E1450H0 Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GENERAL PURPOSE – SINGLE POLE
E Series
Actuator Details
Flat Actuator Version
Roller Actuator Version
“J” and “M” Type Optional Hardware
Mounting
Brass Hex Nut
0012-0023
Brass Hex Nut (Nickel Plated)
0012-0028
Recommended mounting screw:
#6-32 round head.
Recommended torque on screw: 6
inch-lbs. max.
Recommended torque on ferrule:
20 inch lbs. max.
Ordering Information
Select the desired contact rating
Combine with the button/actuator style
Full part number
E13
50H
E13-50H
For single throw versions:
Select the desired contact rating
Combine with the button style
SPST – NO
SPST - NC
E13
50H
E13-51H
0E13-52H
(Add 1 to suffix)
(Add 2 to suffix)
Contact
Call, fax or visit our
Website for more information.
ZF Electronics Corporation
11200 88th Avenue
Pleasant Prairie, WI 53158
Phone: 262.942.6500
Web: www.cherrycorp.com
Email: cep_sales@zf.com
Fax: 262.942.6566
The manufacturer accepts no
liability for errors or non-availability,
and reserves the right to change
specifications without prior notice.
Technical data relates to product
specifications only. Features may
differ from those described. Only
drawings combined with product
specifications shall be deemed
binding.
© 2007 ZF Electronics Corporation
Last Updated: 031411


Similar Part No. - 0E1450H0

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
0E1300E0 CHERRY-0E1300E0 Datasheet
784Kb / 3P
   GENERAL PURPOSE ??SINGLE POLE E Series
0E1300H0 CHERRY-0E1300H0 Datasheet
784Kb / 3P
   GENERAL PURPOSE ??SINGLE POLE E Series
0E1300J0 CHERRY-0E1300J0 Datasheet
784Kb / 3P
   GENERAL PURPOSE ??SINGLE POLE E Series
0E1300K0 CHERRY-0E1300K0 Datasheet
784Kb / 3P
   GENERAL PURPOSE ??SINGLE POLE E Series
0E1300M0 CHERRY-0E1300M0 Datasheet
784Kb / 3P
   GENERAL PURPOSE ??SINGLE POLE E Series
More results

Similar Description - 0E1450H0

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
E13 ZFSWITCHES-E13 Datasheet
307Kb / 3P
   Single Pole General Purpose
logo
Cherry Semiconductor Co...
E1901A CHERRY-E1901A Datasheet
158Kb / 3P
   GENERAL PURPOSE ??SINGLE & DOUBLE POLE ESeries
E13-00J CHERRY-E13-00J Datasheet
784Kb / 3P
   GENERAL PURPOSE ??SINGLE POLE E Series
E13-00E0 CHERRY-E13-00E0 Datasheet
361Kb / 3P
   Snap Action Switch Single Pole General Purpose
E19-50K CHERRY-E19-50K Datasheet
338Kb / 3P
   GENERAL PURPOSE ??DOUBLE POLE
logo
ZF Friedrichshafen AG
E19 ZFSWITCHES-E19 Datasheet
532Kb / 3P
   Double Pole General Purpose
logo
Cherry Semiconductor Co...
E19-00A0 CHERRY-E19-00A0 Datasheet
532Kb / 3P
   Snap Action Switch Double Pole General Purpose
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741 Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
STMicroelectronics
UA741MN STMICROELECTRONICS-UA741MN Datasheet
315Kb / 11P
   General-purpose single operational amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com