Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM328P Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM328P
Description  OBD Device Identifier Test IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM328P Datasheet(HTML) 2 Page - ELM Electronics

  ELM328P Datasheet HTML 1Page - ELM Electronics ELM328P Datasheet HTML 2Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELM328
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
2 of 2
Electrical Characteristics
Absolute Maximum Ratings
Storage Temperature....................... -65°C to +150°C
Ambient Temperature with
Power Applied....................................-40°C to +85°C
Voltage on VDD with respect to VSS..... -0.3V to +7.5V
Voltage on any other pin with
respect to VSS........................... -0.3V to (VDD + 0.3V)
Note:
These values are given as a design guideline only.
The ability to operate to these levels is neither
inferred nor recommended, and stresses beyond
those listed here will likely damage the device.
All rights reserved. Copyright 2008, 2010 by Elm Electronics Inc.
Every effort is made to verify the accuracy of information provided in this document, but no representation or warranty can be
given and no liability assumed by Elm Electronics with respect to the accuracy and/or use of any products or information
described in this document. Elm Electronics will not be responsible for any patent infringements arising from the use of these
products or information, and does not authorize or warrant the use of any Elm Electronics product in life support devices and/or
systems. Elm Electronics reserves the right to make changes to the device(s) described in this document in order to improve
reliability, function, or design.
Notes:
1. This integrated circuit is based on Microchip Technology Inc.’s PIC18F2480 device. For further device
specifications, and clarification of those given, please refer to the appropriate Microchip documentation
(available at http://www.microchip.com/).
2. This spec must be met in order to ensure that a correct power on reset occurs. It is quite easily achieved
using most common types of supplies, but may be violated if one uses a slowly varying supply voltage, as
may be obtained through direct connection to solar cells or some charge pump circuits.
3. Device only. Does not include any load currents.
ELM328DSB
All values are for operation at 25°C and a 5V supply, unless otherwise noted. The ELM328 is electrically identical to the
ELM327 in all respects. For further information, refer to the ELM327 data sheet, and to note 1 below.
Characteristic
Minimum
Typical
Maximum
Conditions
Units
Supply voltage, VDD
4.5
5.0
5.5
V
VDD rate of rise
0.05
V/ms
Average supply current, IDD
12
mA
see note 2
Brown-out reset voltage
4.11
4.33
4.55
V
see note 3


Similar Part No. - ELM328P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM320 ELM-ELM320 Datasheet
100Kb / 16P
   OBD (PWM) TO RS232 INTERPRETER
ELM320 ELM-ELM320 Datasheet
80Kb / 16P
   OBD (PWM) to RS232 Interpreter
ELM320DSC ELM-ELM320DSC Datasheet
100Kb / 16P
   OBD (PWM) TO RS232 INTERPRETER
ELM320P ELM-ELM320P Datasheet
100Kb / 16P
   OBD (PWM) TO RS232 INTERPRETER
ELM320P ELM-ELM320P Datasheet
80Kb / 16P
   OBD (PWM) to RS232 Interpreter
More results

Similar Description - ELM328P

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM1101 FUMAN-FM1101 Datasheet
152Kb / 3P
   Test pencil IC
logo
CML Microcircuits
FX602 CMLMICRO-FX602 Datasheet
822Kb / 29P
   CALLING LINE IDENTIFIER
logo
Winbond
W91030B WINBOND-W91030B Datasheet
306Kb / 31P
   CALLING LINE IDENTIFIER
logo
Extech Instruments Corp...
RT30 EXTECH-RT30 Datasheet
114Kb / 7P
   Wireless AC Circuit Identifier
logo
SparkFun Electronics
CAB-00501 SPARKFUN-CAB-00501 Datasheet
77Kb / 1P
   IC Hook Test Leads
7????7
logo
ELM Electronics
ELM327 ELM-ELM327_1 Datasheet
231Kb / 51P
   OBD to RS232 Interpreter
logo
List of Unclassifed Man...
ELM327 ETC1-ELM327 Datasheet
24Kb / 5P
   OBD to RS232 Interpreter
logo
ELM Electronics
ELM327 ELM-ELM327_10 Datasheet
378Kb / 76P
   OBD to RS232 Interpreter
logo
Extech Instruments Corp...
RT30 EXTECH-RT30_15 Datasheet
284Kb / 1P
   Wireless Remote AC Circuit Identifier
logo
Renesas Technology Corp
CCE4503 RENESAS-CCE4503 Datasheet
485Kb / 17P
   IO-Link Device IC
Jan 25, 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com