Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM401 Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM401
Description  Rotary Encoder Debounce Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM401 Datasheet(HTML) 4 Page - ELM Electronics

  ELM401 Datasheet HTML 1Page - ELM Electronics ELM401 Datasheet HTML 2Page - ELM Electronics ELM401 Datasheet HTML 3Page - ELM Electronics ELM401 Datasheet HTML 4Page - ELM Electronics ELM401 Datasheet HTML 5Page - ELM Electronics ELM401 Datasheet HTML 6Page - ELM Electronics ELM401 Datasheet HTML 7Page - ELM Electronics ELM401 Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
ELM401
Electrical Characteristics
Absolute Maximum Ratings
Storage Temperature....................... -65°C to +150°C
Ambient Temperature with
Voltage Applied..................................-40°C to +85°C
Voltage on VDD with respect to VSS............ 0 to +6.5V
Voltage on any other pin with
respect to VSS........................... -0.3V to (VDD + 0.3V)
Note:
Stresses beyond those listed here will likely
damage this device. These values are given as a
design guideline only. The ability to operate to
these levels is neither inferred nor recommended.
All values are for operation at 25°C and a 5V supply, unless otherwise noted. For further information, refer to note 1 below.
Characteristic
Minimum
Typical
Maximum
Conditions
Units
Supply voltage, VDD
2.0
5.0
5.5
V
VDD rate of rise
0.05
V/msec
Average supply current, IDD
0.6
1.1
mA
VDD = 5.0V
Notes:
1. This integrated circuit is based on a Microchip Technology Inc. PIC12F5XX device. For more detailed
specifications, please refer to the Microchip documentation (www.microchip.com).
2. This spec must be met in order to ensure that a correct power on reset occurs. It is quite easily achieved
using most common types of supplies, but may be violated if one uses a slowly varying supply voltage, as
may be obtained through direct connection to solar cells, or some charge pump circuits.
3. The internal reset circuitry stops the ELM401 from doing anything during this period, so that the power
supplies and oscillators have time to stabilize. During this time, all pins behave like inputs.
4. Typical only - the actual period varies with the amount of noise present in the input signal.
5. All filtering, delay, and output timing is based on an internal master oscillator. The frequency of this oscillator
will vary with voltage and temperature. Values shown are typical maximums for 2.0V
≤ VDD ≤ 5.5V, and
temperatures of -40°C to +85°C
Output low current
(sink)
10
mA
mA
5.0
VOL = 0.25V
see note 2
ELM401DSB
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
A & B debounce period
msec
5.5
VDD = 2.0V
0.2
0.3
mA
VDD = 5.0V
VDD = 3.0V
VOL = 0.25V
Output high current
(source)
2.5
mA
mA
1.7
VOH = 4.75V
VDD = 5.0V
VDD = 3.0V
VOH = 2.75V
see note 4
Power on reset time
9
msec
see note 3
18
30
msec
50
Internal timing variation
%
1
4
see note 5
Startup time delay


Similar Part No. - ELM401

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM402P ELM-ELM402P Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM402SM ELM-ELM402SM Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM403 ELM-ELM403 Datasheet
60Kb / 9P
   Rotary Decoder - 2 wire 4x Interface
ELM403P ELM-ELM403P Datasheet
60Kb / 9P
   Rotary Decoder - 2 wire 4x Interface
More results

Similar Description - ELM401

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM409 ELM-ELM409 Datasheet
57Kb / 8P
   Versatile Debounce Circuit
ELM410 ELM-ELM410 Datasheet
28Kb / 4P
   Triple Debounce Circuit
ELM411 ELM-ELM411 Datasheet
28Kb / 4P
   Debounce Circuit with Latch
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
   Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
   Rotary Encoder
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
   Rotary Optical Encoder
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
   Rotary Encoder Switches
logo
Omron Electronics LLC
E6CP OMRON-E6CP Datasheet
70Kb / 4P
   Absolute Rotary Encoder
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
   11mm Rotary Encoder
logo
Pepperl+Fuchs Inc.
ENI58IL-S PF-ENI58IL-S Datasheet
1Mb / 6P
   Incremental rotary encoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com