Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM406 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM406
Description  Rotary Decoder - 3 wire 2x Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM406 Datasheet(HTML) 2 Page - ELM Electronics

  ELM406 Datasheet HTML 1Page - ELM Electronics ELM406 Datasheet HTML 2Page - ELM Electronics ELM406 Datasheet HTML 3Page - ELM Electronics ELM406 Datasheet HTML 4Page - ELM Electronics ELM406 Datasheet HTML 5Page - ELM Electronics ELM406 Datasheet HTML 6Page - ELM Electronics ELM406 Datasheet HTML 7Page - ELM Electronics ELM406 Datasheet HTML 8Page - ELM Electronics ELM406 Datasheet HTML 9Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ELM406
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Pin Descriptions
2 of 9
All rights reserved. Copyright 2011 Elm Electronics.
Every effort is made to verify the accuracy of information provided in this document, but no representation or warranty can be
given and no liability assumed by Elm Electronics with respect to the accuracy and/or use of any products or information
described in this document. Elm Electronics will not be responsible for any patent infringements arising from the use of these
products or information, and does not authorize or warrant the use of any Elm Electronics product in life support devices and/or
systems. Elm Electronics reserves the right to make changes to the device(s) described in this document in order to improve
reliability, function, or design.
VDD (pin 1)
This pin is the positive supply pin, and should always
be the most positive point in the circuit. Internal
circuitry connected to this pin is used to provide
power on reset of the internal logic, so an external
reset signal is not required. Refer to the Electrical
Characteristics section for more information.
A (pin 2)
This input should be connected to what is normally
known as the ‘A’ signal from a rotary (quadrature)
encoder. The signal at this pin should lead (ie
change state before) the signal at pin 3 when the
device is being moved in a clockwise or up direction.
An external pullup resistor is required for the encoder
(a typical value is 10 K
Ω), but no external capacitors
are needed (as the internal debounce circuitry
provides the filtering).
B (pin 3)
This input should be connected to what is normally
known as the ‘B’ signal from a rotary (quadrature)
encoder. The signal at this pin should lag behind (ie
change state after) the signal at pin 2 when the
device is being moved in a clockwise or up direction.
An external pullup resistor is required for the encoder
(a typical value is 10 K
Ω), but no external capacitors
are needed (as the internal debounce circuitry
provides the filtering).
Write Enable (pin 4)
This input controls the state of the Clk output when
the rising edge of the CS output occurs. If pin 4 is
high, the Clk output will be held high during the CS
transition, which generates an EEPROM write for
many digital potentiometer chips.
U/D (pin 5)
This ‘Up/Down’ output changes with the direction of
encoder rotation. For a clockwise movement (the A
input appears first, followed by the B), this output will
be set high before the CS output (pin 7) is switched
low. For counter-clockwise movement, the output will
be set low prior to the Chip Select going low. The
U/D output does not change state when the CS and
Clk pulsing is complete - it remains at the level it was
just prior to the CS going low.
Clk (pin 6)
A low ‘Clock’ pulse is output at this pin 200 µsec after
the CS output has gone low. The pulse is normally
400 µsec wide, and is typically used to cause the
controlled device to change state based on the level
at the U/D pin. If pin 4 is at a high level, the Clk pulse
will be reduced in length to 200 µsec, and the CS
pulse width extended to 600 µsec, so that Clk is at a
high level while the CS output transitions from the
active low level to the quiescent high level. This will
cause the setting to be written to memory for many
devices.
CS (pin 7)
This output provides a ‘Chip Select’, or enable
function. As the rotary encoder shaft rotates, a series
of clock pulses are generated at pin 6. Just prior to
these pulses appearing, the CS output will go low,
and stay at that level for 400 µsec. This changes a
little if the Write Enable input is at a high level. See
the Output Waveforms section (on page 7) for more
information.
VSS (pin 8)
Circuit common is connected to this pin. This is the
most negative point in the circuit.
ELM406DSA


Similar Part No. - ELM406

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM401 ELM-ELM401 Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM401P ELM-ELM401P Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM401SM ELM-ELM401SM Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM402P ELM-ELM402P Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
More results

Similar Description - ELM406

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM404 ELM-ELM404 Datasheet
57Kb / 9P
   Rotary Decoder - 3 wire 2x Interface
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM405 ELM-ELM405 Datasheet
61Kb / 10P
   Rotary Decoder - 3 wire 4x Interface
ELM407 ELM-ELM407 Datasheet
61Kb / 10P
   Rotary Decoder - 3 wire 4x Interface
ELM408 ELM-ELM408 Datasheet
63Kb / 10P
   Rotary Decoder - 2 wire Interface
ELM403 ELM-ELM403 Datasheet
60Kb / 9P
   Rotary Decoder - 2 wire 4x Interface
logo
Maxim Integrated Produc...
MAX5391LEVMINIQU MAXIM-MAX5391LEVMINIQU Datasheet
1Mb / 13P
   PC-USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 12/09
MAX5393EVMINIQU MAXIM-MAX5393EVMINIQU Datasheet
1Mb / 13P
   PC USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 1/10
logo
STMicroelectronics
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
   SERIAL INTERFACE TRANSMISSION DECODER
logo
Nippon Precision Circui...
SM8530B NPC-SM8530B Datasheet
410Kb / 9P
   Standard Bus Interface Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com