Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM600LA-12-S Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM600LA-12-S
Description  ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM600LA-12-S Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM600LA-12-S Datasheet HTML 1Page - ELM Technology Corporation ELM600LA-12-S Datasheet HTML 2Page - ELM Technology Corporation ELM600LA-12-S Datasheet HTML 3Page - ELM Technology Corporation ELM600LA-12-S Datasheet HTML 4Page - ELM Technology Corporation ELM600LA-12-S Datasheet HTML 5Page - ELM Technology Corporation ELM600LA-12-S Datasheet HTML 6Page - ELM Technology Corporation ELM600LA-12-S Datasheet HTML 7Page - ELM Technology Corporation ELM600LA-12-S Datasheet HTML 8Page - ELM Technology Corporation ELM600LA-12-S Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Rev.1.1
Parameter
Symbol
Limit
Unit
VIN power supply voltage
Vin
-0.3 to +6.5
V
Apply voltage to SW
Vsw
GND-0.3 to Vin+0.3
V
Apply voltage to EN
Ven
GND-0.3 to Vin+0.3
V
Apply voltage to FB
Vfb
GND-0.3 to Vin+0.3
V
SW peak current
Isw
1.7
A
Power dissipation
Pd
200
mW
Operating temperature range
Top
-40 to +85
°C
Storage temperature range
Tstg
-65 to +150
°C
■General description
■Features
■Maximum absolute ratings
• Cellular phone
• PDA and smart phone
• MP3 player
• Digital camera
• Wireless and DSL card
• Microcomputer and DSP power supply
• Portable machine
■Application
• Current mode operation
• Thermal shutdown protection and short circuit protection
• Constant frequency
: Typ.1.4MHz
• Output current
: 800mA
• High efficiency
: Max.95%
• Shutdown current
: Max.1µA(Ven=0V, Vin=6V)
• Supply voltage
: 2.5V to 6V
• Low quiescent current
: Typ.200µA
• Full duty ratio
: 0 to 100% (in dropout)
• Package
: TSOT-25
ELM600LA is high efficiency synchronous step down DC/DC converter operated with current mode and 1.4MHz
constant frequency; internal switch and synchronous rectifier are integrated for high efficiency. In application,
ELM600LA does not require any external Schottky diode. Internal current consumption under operation of
ELM600LA is as low as 200µA and drops to less than 1µA in shutdown mode. With supply voltage from 2.5V
to 6V, ELM600LA can supply load current of 800mA; the output voltage can be regulated as low as 0.6V.
With 1.4MHz switching frequency, ELM600LA makes it possible to adopt small surface amount inductors and
capacitors. Switch duty cycle would be on continuously and 100% at maximum when input voltage is set be to
lower than output voltage.
Caution:Permanent damage to the device may occur when ratings above maximum absolute ones are used.
* Taping direction is one way.
ELM600LA-S, ELM600LA-xx-S
Symbol
a
Package
L: TSOT-25
b
Product version
A
c, d
Output voltage
e.g. :
12: Vout=1.2V, 18: Vout=1.8V
e
Taping direction
S: Refer to PKG file
ELM600 LA - x x - S
↑ ↑ ↑ ↑ ↑
a b c d e
ELM600LA - S
↑ ↑ ↑
a b e
■Selection guide
• Fixed version
• Adj. version
ELM600LA 800mA 1.4MHz
high efficiency synchronous PWM step down DC/DC converter
10 -


Similar Part No. - ELM600LA-12-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
   high efficiency synchronous PWM step down DC/DC converter
More results

Similar Description - ELM600LA-12-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM620BA ELM-TECH-ELM620BA Datasheet
885Kb / 10P
   1.4MHz high efficiency synchronous PWM step up DC/DC converter
ELM620BA ELM-TECH-ELM620BA_17 Datasheet
1Mb / 10P
   1.4MHz high efficiency synchronous PWM step up DC/DC converter
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3205 POWER-LP3205 Datasheet
358Kb / 10P
   1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3204 POWER-LP3204 Datasheet
761Kb / 11P
   1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
   high efficiency synchronous PWM step down DC/DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com