Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM600LA-18-S Datasheet(PDF) 9 Page - ELM Technology Corporation

Part # ELM600LA-18-S
Description  ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM600LA-18-S Datasheet(HTML) 9 Page - ELM Technology Corporation

Back Button ELM600LA-18-S Datasheet HTML 2Page - ELM Technology Corporation ELM600LA-18-S Datasheet HTML 3Page - ELM Technology Corporation ELM600LA-18-S Datasheet HTML 4Page - ELM Technology Corporation ELM600LA-18-S Datasheet HTML 5Page - ELM Technology Corporation ELM600LA-18-S Datasheet HTML 6Page - ELM Technology Corporation ELM600LA-18-S Datasheet HTML 7Page - ELM Technology Corporation ELM600LA-18-S Datasheet HTML 8Page - ELM Technology Corporation ELM600LA-18-S Datasheet HTML 9Page - ELM Technology Corporation ELM600LA-18-S Datasheet HTML 10Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Rev.1.1
• ELM600LA-12(Fixed version) : Unless otherwise noted
Vout=1.2V, Cin=10µF, Cout=22µF, L=2.2µH, Top=25°C
10 -
ELM600LA 800mA 1.4MHz
high efficiency synchronous PWM step down DC/DC converter
0
1
2
3
4
5
6
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Iout=1mA
100mA
Vin (V)
Vout-Vin
• V=1.2V(Fixed)
0.1
1
10
100
1000
0
20
40
60
80
100
Vin=5V
Iout (mA)
EFFICIENCY-Iout
0
0.2
0.4
0.6
0.8
1
0
1
2
0
1
2
3
4
5
Time (s)
Start Response
Ven=Vin=5V, No load
1
10
100
1000
1.1
1.15
1.2
1.25
1.3
Vin=5V
Iout (mA)
Vout-Iout
0
2
4
6
8
10
12
1
1.5
2
0
1
2
Time (ms)
Load Transient Response
Vin=5V, Iout=10mA�600mA
0
2
4
6
8
10
12
1
1.5
2
0
1
2
Time (ms)
Load Transient Response
Vin=5V, Iout=100mA �600mA


Similar Part No. - ELM600LA-18-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
   high efficiency synchronous PWM step down DC/DC converter
More results

Similar Description - ELM600LA-18-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM620BA ELM-TECH-ELM620BA Datasheet
885Kb / 10P
   1.4MHz high efficiency synchronous PWM step up DC/DC converter
ELM620BA ELM-TECH-ELM620BA_17 Datasheet
1Mb / 10P
   1.4MHz high efficiency synchronous PWM step up DC/DC converter
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3205 POWER-LP3205 Datasheet
358Kb / 10P
   1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3204 POWER-LP3204 Datasheet
761Kb / 11P
   1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
   high efficiency synchronous PWM step down DC/DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com