Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM743 Datasheet(PDF) 2 Page - ELM Technology Corporation

Part # ELM743
Description  CMOS Low power voltage dual comparator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM743 Datasheet(HTML) 2 Page - ELM Technology Corporation

  ELM743 Datasheet HTML 1Page - ELM Technology Corporation ELM743 Datasheet HTML 2Page - ELM Technology Corporation ELM743 Datasheet HTML 3Page - ELM Technology Corporation ELM743 Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Rev.1.0
ELM743xxA CMOS Low power voltage dual comparator
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power supply voltage
Vdd
1.2
7.0
V
Common-mode input voltage
Vicr Vdd=1.2 to 7.0V
Vss
Vdd
V
Input offset voltage
Vio-1 Vicr=Vss to Vdd-1V
8
mV
Vio-2 Vicr=Vdd-1V to Vdd
12
mV
Input current
Iin
Vdd=1.2 to 7.0V
100
pA
Output current
IoutN-1 Vdd=1.2V, Vout=0.4V
1.8
4.0
mA
IoutN-2 Vdd=1.5V, Vout=0.4V
4.0
6.0
IoutP-1 Vdd=1.2V, Vout=0.6V
0.15
0.30
mA
IoutP-2 Vdd=1.5V, Vout=1.1V
0.35
0.45
Current consumption
Iss-1 Vdd=3.6V, Vout:"L"
2.0
5.6
μA
Iss-2 Vdd=7.0V, Vout:"L"
2.2
6.0
μA
Response time
tHL Vdd=3.6V
30
μs
tLH Vdd=3.6V
30
μs
■Electrical characteristics
Vss=0V, Top=25°C
■Marking
Symbol
Mark
Content
a
N : N-ch open drain
Output stage
C : CMOS
b, c, d 000 to 999
Assembly Lot No.
TSON8-2×2
4 -
Pin No.
Pin name
1
OUTA
2
IN-A
3
IN+A
4
VSS
5
IN+B
6
IN-B
7
OUTB
8
VDD
■Pin configuration
MSOP-8(TOP VIEW)
MSOP-8
1
2
3
4
5
6
7
8
A
- +
B
-
+
1
2
3
4
5
6
7
8
A
- +
B
-
+
7 4 3 a
b c d
7 4 3 a
b c d
TSON8-2×2(TOP VIEW)
Preliminary


Similar Part No. - ELM743

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
   CMOS Low power voltage dual comparator
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
More results

Similar Description - ELM743

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATOR
logo
ELM Electronics
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Technology Corporat...
ELM742 ELM-TECH-ELM742 Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
ELM742-SERIES ELM-TECH-ELM742-SERIES Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
logo
ELM Electronics
ELM742 ELM-ELM742 Datasheet
326Kb / 4P
   CMOS Low power voltage comparator
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
STMicroelectronics
TS374 STMICROELECTRONICS-TS374 Datasheet
88Kb / 5P
   LOW POWER QUAD CMOS VOLTAGE COMPARATOR
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
   Low-power dual voltage comparator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com