Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM901FAA-S Datasheet(PDF) 2 Page - ELM Technology Corporation

Part # ELM901FAA-S
Description  1A 2x Charge Pump LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM901FAA-S Datasheet(HTML) 2 Page - ELM Technology Corporation

  ELM901FAA-S Datasheet HTML 1Page - ELM Technology Corporation ELM901FAA-S Datasheet HTML 2Page - ELM Technology Corporation ELM901FAA-S Datasheet HTML 3Page - ELM Technology Corporation ELM901FAA-S Datasheet HTML 4Page - ELM Technology Corporation ELM901FAA-S Datasheet HTML 5Page - ELM Technology Corporation ELM901FAA-S Datasheet HTML 6Page - ELM Technology Corporation ELM901FAA-S Datasheet HTML 7Page - ELM Technology Corporation ELM901FAA-S Datasheet HTML 8Page - ELM Technology Corporation ELM901FAA-S Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
■Pin Configuration
ELM901FxA 1A 2x Charge Pump LED Driver
QFN16-4x4(TOP VIEW)
4
3
2
1
16
15
14
13
12
11
10
9
8
7
6
5
QFN16-4x4(BOTTOM VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Pin no.
Pin name
1
ISET2
2
ISET1
3
EN2
4
EN1
5
AGND
6
FS
7
VIN
8
PGND1
9
CM
10
PVIN
11
CP
12
NC
13
VO
14
NC
15
PGND2
16
LED
QFN16-3x3(TOP VIEW)
QFN16-3x3(BOTTOM VIEW)
4
3
2
1
16
15
14
13
12 11 10
9
8
7
6
5
1
2
3
4
5
6
7
8
9
10 11 12
13
14
15
16
11 -
■Pin description
ISET2 : LED current setting 2
The pin that is for the connection of LED current setting resistor(Rset2) between ISET2-GND. The output
becomes 1.22V constantly when EN2 is high. The constant current of LED pin will be 3250x of the one
flows to ISET2.
(e.g.) when Rset2=6.8kΩ, Iled=1.22/6.8k×3250=583mA.
ISET1 : LED current setting 1
The pin that is for the connection of LED current setting resistor(Rset1) between ISET1-GND. The output
becomes 1.22V constantly when EN1 is high. The constant current of LED pin will be 3250x of the one
flows to ISET1.
(e.g.) when Rset1=20kΩ, Iled=1.22/20k×3250=198.3mA.
EN2 : on/off control 2
LED output current on/off control pin of set current of ISET2. This pin is pulled down to ground inside
the IC and the control logic is high active. The set current of ISET2 sinks from LED pin when this pin is
connected to VIN.


Similar Part No. - ELM901FAA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM901F ELM-ELM901F Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901F-SERIES ELM-ELM901F-SERIES Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
   Charge Pump LED Driver
More results

Similar Description - ELM901FAA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM901F ELM-ELM901F Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901F-SERIES ELM-ELM901F-SERIES Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
logo
Eutech Microelectronics...
EUP3611 EUTECH-EUP3611 Datasheet
436Kb / 1P
   1A Charge Pump LED Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
   1A Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
   1A Buck/Boost Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
   Charge Pump LED Driver
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com