Electronic Components Datasheet Search |
|
ELM85331AA-N Datasheet(PDF) 6 Page - ELM Technology Corporation |
|
ELM85331AA-N Datasheet(HTML) 6 Page - ELM Technology Corporation |
6 / 13 page 6 Rev.1.1 ■Marking • SOT-223 package : ELM85xx1HA TAB E 5 8 M L a c 1 b e f d a, b : Output voltage. e.g. : 33(Vout=3.3V) c : Product version d to f : Assembly lot No. A to Z (I, O, X excepted) and 0 to 9 SOT-223 Ci=1.0μF, Co=4.7μF, Top=25°C Vout=3.3V(ELM85333GA), CE=“H” active ■Electrical characteristics (ELM8533xGA) Parameter Symbol Condition Min. Typ. Max. Unit Output voltage Vout Vin=4.3V, Iout=40mA 3.234 3.300 3.366 V Output current Iout Vin=4.3V 800 mA Input stability ΔVout/ΔVin 3.8V≤Vin≤6.0V, Iout=100mA 0.02 0.20 %/V Load stability ΔVout/ΔIout Vin=4.3V,1mA≤Iout≤300mA 20 60 mV Input-Output voltage differential Vdif Iout=100mA 55 90 mV Current consumption Iss Vin=4.3V 40 100 μA Standby current consumption Istandby Vin=4.3V, Vce=0V 0.5 μA Input voltage Vin 1.4 6.0 V CE input voltage High Vceh Vin=6.0V 1.8 Vin V CE input voltage Low Vcel Vin=1.4V 0.0 0.2 V CE input current High Iceh Vce=Vin=6.0V -0.2 0.2 μA CE input current Low Icel Vce=Vss, Vin=6.0V -0.2 0.2 μA Output voltage temperature coefficient ΔVout/ΔTop -40°C≤Top≤+85°C, Vin=4.3V, Iout=40mA ±100 ppm/°C Short circuit current Ilim Vout=0V 70 mA Ripple rejection ratio RR f=1kHz, Iout=40mA 60 dB Thermal shutdown temperature Tsd 165 °C Output noise Vno BW=10Hz to 100kHz 30 μVrms 13 - ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator |
Similar Part No. - ELM85331AA-N |
|
Similar Description - ELM85331AA-N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |