Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM13409CA-S Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM13409CA-S
Description  Single P-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM13409CA-S Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM13409CA-S Datasheet HTML 1Page - ELM Technology Corporation ELM13409CA-S Datasheet HTML 2Page - ELM Technology Corporation ELM13409CA-S Datasheet HTML 3Page - ELM Technology Corporation ELM13409CA-S Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
ELM13409CA-S
■General description
■Features
■Maximum absolute ratings
■Thermal characteristics
Parameter
Symbol
Typ.
Max.
Unit
Note
Maximum junction-to-ambient
t≤10s
Rθja
70
90
°C/W
1
Maximum junction-to-ambient
Steady-state
100
125
°C/W
Maximum junction-to-lead
Steady-state
Rθjl
63
80
°C/W
3
Parameter
Symbol
Limit
Unit
Note
Drain-source voltage
Vds
-30
V
Gate-source voltage
Vgs
±
20
V
Continuous drain current
Ta=25°C
Id
-2.6
A
1
Ta=70°C
-2.2
Pulsed drain current
Idm
-20
A
2
Power dissipation
Ta=25°C
Pd
1.4
W
1
Ta=70°C
1.0
Junction and storage temperature range
Tj, Tstg
-55 to 150
°C
ELM13409CA-S uses advanced trench technology to
provide excellent Rds(on), low gate charge and low gate
resistance.
• Vds=-30V
• Id=-2.6A (Vgs=-10V)
• Rds(on) < 130mΩ (Vgs=-10V)
• Rds(on) < 200mΩ (Vgs=-4.5V)
4 -
■Pin configuration
■Circuit
S
G
D
SOT-23(TOP VIEW)
Pin No.
Pin name
1
GATE
2
SOURCE
3
DRAIN
1
2
3
Single P-channel MOSFET


Similar Part No. - ELM13409CA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM13409CA ELM-TECH-ELM13409CA Datasheet
96Kb / 4P
   Single P-channel MOSFET
More results

Similar Description - ELM13409CA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM36403EA-S ELM-ELM36403EA-S Datasheet
976Kb / 4P
   Single P-channel MOSFET
ELM36405EA-S ELM-ELM36405EA-S Datasheet
812Kb / 4P
   Single P-channel MOSFET
ELM23401CA-S ELM-ELM23401CA-S Datasheet
1Mb / 3P
   Single P-channel MOSFET
ELM340703A-N ELM-ELM340703A-N Datasheet
811Kb / 4P
   Single P-channel MOSFET
ELM53401CA-S ELM-ELM53401CA-S Datasheet
1Mb / 5P
   Single P-channel MOSFET
ELM342004A-N ELM-ELM342004A-N Datasheet
820Kb / 4P
   Single P-channel MOSFET
ELM549407A-N ELM-ELM549407A-N Datasheet
1Mb / 5P
   Single P-channel MOSFET
logo
ELM Technology Corporat...
ELM13401CA-S ELM-TECH-ELM13401CA-S Datasheet
383Kb / 4P
   Single P-channel MOSFET
ELM13405CA-S ELM-TECH-ELM13405CA-S Datasheet
391Kb / 4P
   Single P-channel MOSFET
ELM34401AA-N ELM-TECH-ELM34401AA-N Datasheet
433Kb / 4P
   Single P-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com