Electronic Components Datasheet Search |
|
Q67100-H3540 Datasheet(PDF) 5 Page - Siemens Semiconductor Group |
|
Q67100-H3540 Datasheet(HTML) 5 Page - Siemens Semiconductor Group |
5 / 27 page SLx 24C01/02/P Semiconductor Group 5 1998-07-27 Pin Definitions and Functions Pin Description Serial Clock (SCL) The SCL input is used to clock data into the device on the rising edge and to clock data out of the device on the falling edge. Serial Data (SDA) SDA is a bidirectional pin used to transfer addresses, data or control information into the device or to transfer data out of the device. The output is open drain, performing a wired AND function with any number of other open drain or open collector devices. The SDA bus requires a pull-up resistor to V CC. Write Protection (WP) WP switched to V SS allows normal read/write operations. WP switched to V CC protects the entire EEPROM against changes (hardware write protection). Additionally write protection is managed by a protection bit associated to each page. (refer to chapter 7 Page Protection Mode TM) Table 1 Pin No. Symbol Function 1, 2, 3 N.C. Not connected 4 V SS Ground 5 SDA Serial bidirectional data bus 6 SCL Serial clock input 7 WP Write protection input 8 V CC Supply voltage |
Similar Part No. - Q67100-H3540 |
|
Similar Description - Q67100-H3540 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |