Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM85331HA-N Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM85331HA-N
Description  ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM85331HA-N Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM85331HA-N Datasheet HTML 1Page - ELM Technology Corporation ELM85331HA-N Datasheet HTML 2Page - ELM Technology Corporation ELM85331HA-N Datasheet HTML 3Page - ELM Technology Corporation ELM85331HA-N Datasheet HTML 4Page - ELM Technology Corporation ELM85331HA-N Datasheet HTML 5Page - ELM Technology Corporation ELM85331HA-N Datasheet HTML 6Page - ELM Technology Corporation ELM85331HA-N Datasheet HTML 7Page - ELM Technology Corporation ELM85331HA-N Datasheet HTML 8Page - ELM Technology Corporation ELM85331HA-N Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Rev.1.1
■Electrical characteristics (ELM85xx1xA)
Ci=1.0μF, Co=4.7μF, Top=25°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Output voltage
Vout
Vin=4.0V, Iout=40mA
2.940
3.000
3.060
V
Output current
Iout
Vin=4.0V
800
mA
Input stability
ΔVout/ΔVin 3.5V≤Vin≤6.0V,
Iout=100mA
0.02
0.20
%/V
Load stability
ΔVout/ΔIout Vin=4.0V,
1mA≤Iout≤300mA
20
60
mV
Input-Output
voltage differential
Vdif
Iout=100mA
55
90
mV
Current consumption
Iss
Vin=4.0V
40
100
μA
Input voltage
Vin
1.4
6.0
V
Output voltage
temperature coefficient
ΔVout/ΔTop -40°C≤Top≤+85°C,
Vin=4.0V, Iout=40mA
±100
ppm/°C
Short circuit current
Ilim
Vout=0V
70
mA
Ripple rejection ratio
RR
f=1kHz, Iout=40mA
60
dB
Thermal shutdown
temperature
Tsd
165
°C
Output noise
Vno
BW=10Hz to 100kHz
30
μVrms
Vout=3.0V(ELM85301xA), No CE pin
■Block diagram
VIN
Vref
VSS
+
-
Protect
Circuit
VOUT
Protect
Circuit
Vref
VOUT
VSS
VIN
-
+
CE
Control
Circuit
ELM85xx1xA
ELM85xx3xA
13 -
■Standard circuit
Co
ELM85xx1xA
Vout
VSS
Ci
VOUT
Vin
VIN
Ci
ELM85xx3xA
Control Voltage
Co
VIN
VSS
Vout
Vin
VOUT
CE
ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator


Similar Part No. - ELM85331HA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM85331HA-N ELM-TECH-ELM85331HA-N Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
More results

Similar Description - ELM85331HA-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
Unisonic Technologies
L1188 UTC-L1188_10 Datasheet
152Kb / 6P
   800mA CMOS LDO
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com