Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A101MCWV30Q0Q Datasheet(PDF) 9 Page - Tyco Electronics

Part # A101MCWV30Q0Q
Description  Toggle Switches, A Series, Part Number Matrix
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A101MCWV30Q0Q Datasheet(HTML) 9 Page - Tyco Electronics

Back Button A101MCWV30Q0Q Datasheet HTML 5Page - Tyco Electronics A101MCWV30Q0Q Datasheet HTML 6Page - Tyco Electronics A101MCWV30Q0Q Datasheet HTML 7Page - Tyco Electronics A101MCWV30Q0Q Datasheet HTML 8Page - Tyco Electronics A101MCWV30Q0Q Datasheet HTML 9Page - Tyco Electronics A101MCWV30Q0Q Datasheet HTML 10Page - Tyco Electronics A101MCWV30Q0Q Datasheet HTML 11Page - Tyco Electronics A101MCWV30Q0Q Datasheet HTML 12Page - Tyco Electronics A101MCWV30Q0Q Datasheet HTML 13Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
C30
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, PC Tail, Straight or Right Angle, Long Bat Actuator
SEE PAGE C22 FOR PRODUCT SPECIFICATIONS
SPDT
A101SDCQ
Tyco
Alcoswitch
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
Electronics
Silver Contacts
Gold Contacts
3-1437554-4
A101SD9AQ
3-1437554-3
A101SD9AB
SPDT
1
On None On
6-1437554-4
A103SD9AQ
A103SD9AB
SPDT
5
On
Off
On
1-1437555-6
A108SD9AQ
SPDT
1
On None (On)
3-1437555-8
A201SD9AQ
A201SD9AB
DPDT
2
On None On
8-1437555-1
A208SD9AQ
A208SD9AB
DPDT
2
On None (On)
SPDT/DPDT
A101SD9AQ
Horizontal Actuation
.040
(1.02)
.028
(0.71)
.480
(12.19)
.280
(7.11)
.030
(0.76)
.155
(3.94)
.500
(12.70)
.270
(6.86)
.358
(9.09)
.185
(4.70
Keyway
1/4-40 NS
EPOXY SEAL
25
°
.480
(12.19)
.280
(7.11)
.358
(9.09)
.155
(3.94)
25
°
.500
(12.70)
.453
(11.50)
KEYWAY
1/4-40 NS
EPOXY
SEAL
.030
(0.76)
TYP.
.185
(4.70)
TYP.
.050
(1.27)
TYP.
.040
(1.00)
.190
(4.80)
.050
(1.26)
TYP.
DPDT
A201SDCQ
.205
(5.21)
.048
(1.22)
.200
(5.08)
.500
(12.7)
.480
(12.19)
.280
(7.11)
.500
(12.70)
.050
(1.27)
Typ.
.185
(4.70)
Typ.
.270
(6.86)
.030
(0.76)
.453
(11.50)
.048
(1.22)
.200
(5.08)
.500
(12.70)
Keyway
.252
(6.40)
1.13
(28.6)
Ref.
Epoxy Seal
.480
(12.19)
.287
(7.30)
.500
(12.70)
.150
(3.81)
.016
(1.40)
.118
(3.00)
Dia.
.050
(1.27)
Typ.
.040
(1.00)
.185
(4.70)
Typ.
.031
(0.80)
Typ.
A201SD9AQ
Horizontal Actuation
* Refer to Pages C22-C26 for
Additional Options *
Tyco
Alcoswitch
Type
Act. Code P.M5
Electronics
Silver Contacts
3-1437554-9
A101SDCQ
SPDT
1
On None On
6-1437554-8
A103SDCQ
SPDT
5
On Off On
1571670-1
A201SDCQ
DPDT
2
On None On
A203SDCQ
DPDT
6
On Off On
A208SDCQ
DPDT
2
On None (On)


Similar Part No. - A101MCWV30Q0Q

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A101 MACOM-A101 Datasheet
89Kb / 1P
   5 TO 100 MHZ TO-8 CASCADABLE AMPLIFIER
A101 MACOM-A101 Datasheet
408Kb / 2P
   Cascadable Amplifier 5 to 100 MHz
logo
M/A-COM Technology Solu...
A101 MA-COM-A101 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 100 MHz
A101-SMA101 MA-COM-A101-SMA101 Datasheet
1Mb / 2P
   Cascadable Amplifier
logo
Actel Corporation
A1010 ACTEL-A1010 Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
More results

Similar Description - A101MCWV30Q0Q

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437555-5 MACOM-2-1437555-5 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437555-0 MACOM-2-1437555-0 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437554-9 MACOM-2-1437554-9 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
TT11EGRA1 MACOM-TT11EGRA1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TT-SERIES MACOM-TT-SERIES Datasheet
947Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-5 MACOM-2-1437561-5 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-7 MACOM-2-1437561-7 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-1 MACOM-2-1437562-1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-4 MACOM-2-1437562-4 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-3 MACOM-2-1437561-3 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com