Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM16601EA-S Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM16601EA-S
Description  Complementary MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM16601EA-S Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM16601EA-S Datasheet HTML 1Page - ELM Technology Corporation ELM16601EA-S Datasheet HTML 2Page - ELM Technology Corporation ELM16601EA-S Datasheet HTML 3Page - ELM Technology Corporation ELM16601EA-S Datasheet HTML 4Page - ELM Technology Corporation ELM16601EA-S Datasheet HTML 5Page - ELM Technology Corporation ELM16601EA-S Datasheet HTML 6Page - ELM Technology Corporation ELM16601EA-S Datasheet HTML 7Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Pin No.
Pin name
1
GATE1
2
SOURCE2
3
GATE2
4
DRAIN2
5
SOURCE1
6
DRAIN1
■Circuit
• N-ch
• P-ch
7 -
■Pin configuration
SOT-26(TOP VIEW)
ELM16601EA-S
Complementary MOSFET
ELM16601EA-S uses advanced trench
technology to provide excellent Rds(on)
and low gate charge.
N-channel
P-channel
• Vds=30V
Vds=-30V
• Id=3.4A(Vgs=10V)
Id=-2.3A(Vgs=-10V)
• Rds(on) < 60mΩ(Vgs=10V) Rds(on) < 135mΩ(Vgs=-10V)
• Rds(on) < 75mΩ(Vgs=4.5V) Rds(on) < 185mΩ(Vgs=-4.5V)
• Rds(on) < 115mΩ(Vgs=2.5V) Rds(on) < 265mΩ(Vgs=-2.5V)
Parameter
Symbol
N-ch (Max.)
P-ch (Max.)
Unit Note
Drain-source voltage
Vds
30
-30
V
Gate-source voltage
Vgs
±12
±12
V
Continuous drain current
Ta=25°C
Id
3.4
-2.3
A
1
Ta=70°C
2.7
-1.8
Pulsed drain current
Idm
30
-30
A
2
Power dissipation
Ta=25°C
Pd
1.15
1.15
W
Ta=70°C
0.73
0.73
Junction and storage temperature range
Tj,Tstg
-55 to 150
-55 to 150
°C
S2
G2
D2
S1
G1
D1
■General Description
■Features
■Maximum Absolute Ratings
■Thermal Characteristics
Parameter
Symbol Device
Typ.
Max.
Unit
Note
Maximum junction-to-ambient
t≤10s
Rθja
N-ch
78
110
°C/W
1
Maximum junction-to-ambient
Steady-state
106
150
°C/W
Maximum junction-to-lead
Steady-state
Rθjl
64
80
°C/W
3
Maximum junction-to-ambient
t≤10s
Rθja
P-ch
78
110
°C/W
1
Maximum junction-to-ambient
Steady-state
106
150
°C/W
Maximum junction-to-lead
Steady-state
Rθjl
64
80
°C/W
3
1
3
5
6
2
4


Similar Part No. - ELM16601EA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM16601EA-N ELM-TECH-ELM16601EA-N Datasheet
134Kb / 7P
   Complementary MOSFET
More results

Similar Description - ELM16601EA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM34608AA-S ELM-TECH-ELM34608AA-S Datasheet
240Kb / 7P
   Complementary MOSFET
ELM35602KA-S ELM-TECH-ELM35602KA-S Datasheet
235Kb / 7P
   Complementary MOSFET
ELM14614AA-N ELM-TECH-ELM14614AA-N Datasheet
142Kb / 7P
   Complementary MOSFET
ELM24604HA-S ELM-TECH-ELM24604HA-S Datasheet
169Kb / 9P
   Complementary MOSFET
ELM34605AA-S ELM-TECH-ELM34605AA-S Datasheet
474Kb / 7P
   Complementary MOSFET
ELM35600KA-S ELM-TECH-ELM35600KA-S Datasheet
484Kb / 7P
   Complementary MOSFET
ELM34601AA-N ELM-TECH-ELM34601AA-N Datasheet
943Kb / 7P
   Complementary MOSFET
ELM34603AA-N ELM-TECH-ELM34603AA-N Datasheet
993Kb / 7P
   Complementary MOSFET
ELM34605AA-N ELM-TECH-ELM34605AA-N Datasheet
1,011Kb / 7P
   Complementary MOSFET
ELM36601EA-S ELM-TECH-ELM36601EA-S Datasheet
496Kb / 7P
   Complementary MOSFET
logo
ELM Electronics
ELM34601AA-N ELM-ELM34601AA-N Datasheet
1Mb / 7P
   Complementary MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com