Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM17402FA-S Datasheet(PDF) 4 Page - ELM Technology Corporation

Part # ELM17402FA-S
Description  Single P-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM17402FA-S Datasheet(HTML) 4 Page - ELM Technology Corporation

  ELM17402FA-S Datasheet HTML 1Page - ELM Technology Corporation ELM17402FA-S Datasheet HTML 2Page - ELM Technology Corporation ELM17402FA-S Datasheet HTML 3Page - ELM Technology Corporation ELM17402FA-S Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
ELM17402FA-S
4 -
Single N-channel MOSFET
0
1
2
3
4
5
0
2
4
6
8
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
0
5
10
15
20
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
0
4
8
12
16
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
0.1
1.0
10.0
100.0
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
100�s
10ms 1ms
0.1s
1s
10s
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
10�s
VDS=10V
ID=1.6A
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.Z�JA.R�JA
R�JA=360°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=150°C
TA=25°C


Similar Part No. - ELM17402FA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM17400FA-S ELM-TECH-ELM17400FA-S Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM17401FA-S ELM-TECH-ELM17401FA-S Datasheet
94Kb / 4P
   Single P-channel MOSFET
ELM17403FA-S ELM-TECH-ELM17403FA-S Datasheet
95Kb / 4P
   Single P-channel MOSFET
ELM17404FA-S ELM-TECH-ELM17404FA-S Datasheet
92Kb / 4P
   Single N-channel MOSFET
ELM17405GA-S ELM-TECH-ELM17405GA-S Datasheet
97Kb / 4P
   Single P-channel MOSFET
More results

Similar Description - ELM17402FA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM36403EA-S ELM-ELM36403EA-S Datasheet
976Kb / 4P
   Single P-channel MOSFET
ELM36405EA-S ELM-ELM36405EA-S Datasheet
812Kb / 4P
   Single P-channel MOSFET
ELM23401CA-S ELM-ELM23401CA-S Datasheet
1Mb / 3P
   Single P-channel MOSFET
ELM340703A-N ELM-ELM340703A-N Datasheet
811Kb / 4P
   Single P-channel MOSFET
ELM53401CA-S ELM-ELM53401CA-S Datasheet
1Mb / 5P
   Single P-channel MOSFET
ELM342004A-N ELM-ELM342004A-N Datasheet
820Kb / 4P
   Single P-channel MOSFET
ELM549407A-N ELM-ELM549407A-N Datasheet
1Mb / 5P
   Single P-channel MOSFET
logo
ELM Technology Corporat...
ELM13401CA-S ELM-TECH-ELM13401CA-S Datasheet
383Kb / 4P
   Single P-channel MOSFET
ELM13405CA-S ELM-TECH-ELM13405CA-S Datasheet
391Kb / 4P
   Single P-channel MOSFET
ELM13409CA-S ELM-TECH-ELM13409CA-S Datasheet
395Kb / 4P
   Single P-channel MOSFET
ELM34401AA-N ELM-TECH-ELM34401AA-N Datasheet
433Kb / 4P
   Single P-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com