Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRD00231Z Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SRD00231Z
Description  Ternary PIN Photodiode in TO-Package, Central Pin
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SRD00231Z Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SRD00231Z Datasheet HTML 1Page - Siemens Semiconductor Group SRD00231Z Datasheet HTML 2Page - Siemens Semiconductor Group SRD00231Z Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SRD 00231Z
Semiconductor Group
3
Dark Current
IR = f(VR)
IF = f(VF)
Dark Current
IR = f(TA)
Φport = 0, VR = 5 V
0.001
0.01
0.1
1
10
0
5
10
15
20
Reverse Bias in V
0.001
0.01
0.1
1
10
100
-50
0
50
100
Ambient Temperature in °C
Package Outlines (Dimensions in mm)
SRD 00231Z


Similar Part No. - SRD00231Z

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SRD00212Z SIEMENS-SRD00212Z Datasheet
64Kb / 3P
   Ternary PIN Photodiode in TO-Package with Integrated Optics
SRD00214C SIEMENS-SRD00214C Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
SRD00214H SIEMENS-SRD00214H Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
SRD00214X SIEMENS-SRD00214X Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
SRD00215C SIEMENS-SRD00215C Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
More results

Similar Description - SRD00231Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SRD00217 INFINEON-SRD00217 Datasheet
282Kb / 3P
   Ternary PIN Photodiode in Receptacle Package
DECEMBER 2001
logo
Siemens Semiconductor G...
SRD00212Z SIEMENS-SRD00212Z Datasheet
64Kb / 3P
   Ternary PIN Photodiode in TO-Package with Integrated Optics
SRD00214X SIEMENS-SRD00214X Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
SRD00111Z SIEMENS-SRD00111Z Datasheet
119Kb / 5P
   Silicon PIN Photodiode in TO-Package
logo
OSRAM GmbH
SFH-2500-FA OSRAM-SFH-2500-FA Datasheet
368Kb / 12P
   Silicon PIN Photodiode in SMR짰 Package
SFH-2505-FA OSRAM-SFH-2505-FA Datasheet
382Kb / 12P
   Silicon PIN Photodiode in SMR짰 Package
logo
Siemens Semiconductor G...
SRD00314X SIEMENS-SRD00314X Datasheet
118Kb / 4P
   Ternary PIN Photodiode with Blocking Filter for 3rd Window
SRD00534X SIEMENS-SRD00534X Datasheet
112Kb / 5P
   Ge-Avalanche Photodiode with Pigtail, Central Pin
logo
Everlight Electronics C...
EAPDST3215A1 EVERLIGHT-EAPDST3215A1 Datasheet
381Kb / 8P
   3215 Package PIN Photodiode
logo
Optoway Technology Inc
PD-8150 OPTOWAY-PD-8150_09 Datasheet
131Kb / 3P
   GaAs PIN PHOTODIODES PIN Photodiode with Mini-Size TO Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com