Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM772411BC-S Datasheet(PDF) 8 Page - ELM Technology Corporation

Part # ELM772411BC-S
Description  CMOS Dual voltage detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM772411BC-S Datasheet(HTML) 8 Page - ELM Technology Corporation

Back Button ELM772411BC-S Datasheet HTML 2Page - ELM Technology Corporation ELM772411BC-S Datasheet HTML 3Page - ELM Technology Corporation ELM772411BC-S Datasheet HTML 4Page - ELM Technology Corporation ELM772411BC-S Datasheet HTML 5Page - ELM Technology Corporation ELM772411BC-S Datasheet HTML 6Page - ELM Technology Corporation ELM772411BC-S Datasheet HTML 7Page - ELM Technology Corporation ELM772411BC-S Datasheet HTML 8Page - ELM Technology Corporation ELM772411BC-S Datasheet HTML 9Page - ELM Technology Corporation ELM772411BC-S Datasheet HTML 10Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
ELM77xxxxxC CMOS Dual voltage detector
• ELM772409BC
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
4
5
6
Vdd (V)
80�
-30�
25�
Cond.
Vdet=0V
Vout1=Open
Vout2=Open
Ta=25�
Idd vs Vdd
0.8
0.82
0.84
0.86
0.88
0.9
0.92
0.94
0.96
0.98
1
-40
-20
0
20
40
60
80
Ambient Temperature (�)
Vdetn1
Vdetp1
Vhys1
Vdetn1, Vdetp1 vs Ta
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
Vdd (V)
-30°C
25°C
80°C
Cond.
Rpullup=100K
Vpullup=3V
Ta=25°C
Vout2 vs Vdd
2.3
2.35
2.4
2.45
2.5
2.55
2.6
-40
-20
0
20
40
60
80
Ambient Temperature (°C)
Vdetn2
Vdetp2
Vhys2
Vdetn2, Vdetp2 vs Ta
0
0.5
1
1.5
2
2.5
3
3.5
0.7
0.8
0.9
1
1.1
Vdet (V)
-30�
25�
80�
Cond.
Rpullup=100K
Vpullup=3V
Ta=25�
Vout1 vs Vdet
10 -


Similar Part No. - ELM772411BC-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM77241B-N ELM-TECH-ELM77241B-N Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM77241B-S ELM-TECH-ELM77241B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
More results

Similar Description - ELM772411BC-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
ELM Technology Corporat...
ELM77 ELM-TECH-ELM77 Datasheet
966Kb / 10P
   CMOS Dual voltage detector
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com