Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM89252BC-S Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM89252BC-S
Description  CMOS 300mA LDO Voltage regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM89252BC-S Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM89252BC-S Datasheet HTML 1Page - ELM Technology Corporation ELM89252BC-S Datasheet HTML 2Page - ELM Technology Corporation ELM89252BC-S Datasheet HTML 3Page - ELM Technology Corporation ELM89252BC-S Datasheet HTML 4Page - ELM Technology Corporation ELM89252BC-S Datasheet HTML 5Page - ELM Technology Corporation ELM89252BC-S Datasheet HTML 6Page - ELM Technology Corporation ELM89252BC-S Datasheet HTML 7Page - ELM Technology Corporation ELM89252BC-S Datasheet HTML 8Page - ELM Technology Corporation ELM89252BC-S Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
■Electrical characteristics (ELM89xx1BC)
Parameter
Symbol
Condition
Min. Typ. Max. Unit
Output voltage
Vout
Vin=2.2V, Iout=40mA
1.170 1.200 1.230
V
Output current
Iout
Vin=2.2V
300
mA
Input stability
ΔVout/ΔVin Iout=40mA, 1.7V≤Vin≤6.0V
0.05 0.20 %/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤100mA, Vin=2.2V
5
20
mV
Input-Output voltage differential
Vdif
Iout=100mA
380
620
mV
Current consumption
Iss
Vin=2.2V, No-load
15
50
μA
Input voltage
Vin
1.4
6.0
V
Output voltage
temperature coefficient
ΔVout/ΔTop -40°C≤Top≤+85°C,
Iout=40mA, Vin=2.2V
±
100
ppm/°C
Short circuit current
Ilim
Vout=0V
40
mA
Ripple rejection ratio
RR
f=1kHz, Iout=40mA
60
dB
Thermal shutdown temparature
Tsd
165
°C
Output noise
Vno
BW=10Hz to 100kHz
30
μVrms
Top=25°C
Vout=1.2V(ELM89121BC), No CE pin
ELM89xxxBC CMOS 300mA LDO Voltage regulator
20 -
Top=25°C
Vout=1.8V(ELM89181BC), No CE pin
Parameter
Symbol
Condition
Min. Typ. Max. Unit
Output voltage
Vout
Vin=2.8V, Iout=40mA
1.764 1.800 1.836
V
Output current
Iout
Vin=2.8V
300
mA
Input stability
ΔVout/ΔVin Iout=40mA, 2.3V≤Vin≤6.0V
0.02 0.20 %/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤100mA, Vin=2.8V
5
20
mV
Input-Output voltage differential
Vdif
Iout=100mA
145
230
mV
Current consumption
Iss
Vin=2.8V, No-load
15
50
μA
Input voltage
Vin
1.4
6.0
V
Output voltage
temperature coefficient
ΔVout/ΔTop -40°C≤Top≤+85°C,
Iout=40mA, Vin=2.8V
±
100
ppm/°C
Short circuit current
Ilim
Vout=0V
40
mA
Ripple rejection ratio
RR
f=1kHz, Iout=40mA
60
dB
Thermal shutdown temparature
Tsd
165
°C
Output noise
Vno
BW=10Hz to 100kHz
30
μVrms
Parameter
Symbol
Condition
Min. Typ. Max. Unit
Output voltage
Vout
Vin=3.5V, Iout=40mA
2.450 2.500 2.550
V
Output current
Iout
Vin=3.5V
300
mA
Input stability
ΔVout/ΔVin Iout=40mA, 3.0V≤Vin≤6.0V
0.02 0.20 %/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤100mA, Vin=3.5V
5
20
mV
Input-Output voltage differential
Vdif
Iout=100mA
120
190
mV
Current consumption
Iss
Vin=3.5V, No-load
15
50
μA
Input voltage
Vin
1.4
6.0
V
Output voltage
temperature coefficient
ΔVout/ΔTop -40°C≤Top≤+85°C,
Iout=40mA, Vin=3.5V
±
100
ppm/°C
Short circuit current
Ilim
Vout=0V
40
mA
Ripple rejection ratio
RR
f=1kHz, Iout=40mA
60
dB
Thermal shutdown temparature
Tsd
165
°C
Output noise
Vno
BW=10Hz to 100kHz
30
μVrms
Top=25°C
Vout=2.5V(ELM89251BC), No CE pin


Similar Part No. - ELM89252BC-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89252BC-S ELM-TECH-ELM89252BC-S Datasheet
190Kb / 21P
   MOS 300mA LDO Voltage regulator
More results

Similar Description - ELM89252BC-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com