Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM91333CA-S Datasheet(PDF) 7 Page - ELM Technology Corporation

Part # ELM91333CA-S
Description  CMOS PFM Step-up DC/DC converter and controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM91333CA-S Datasheet(HTML) 7 Page - ELM Technology Corporation

Back Button ELM91333CA-S Datasheet HTML 3Page - ELM Technology Corporation ELM91333CA-S Datasheet HTML 4Page - ELM Technology Corporation ELM91333CA-S Datasheet HTML 5Page - ELM Technology Corporation ELM91333CA-S Datasheet HTML 6Page - ELM Technology Corporation ELM91333CA-S Datasheet HTML 7Page - ELM Technology Corporation ELM91333CA-S Datasheet HTML 8Page - ELM Technology Corporation ELM91333CA-S Datasheet HTML 9Page - ELM Technology Corporation ELM91333CA-S Datasheet HTML 10Page - ELM Technology Corporation ELM91333CA-S Datasheet HTML 11Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
0
0.5
1
1.5
2
0.5
1
1.5
2
2.5
Vin (V)
Iout=1mA
Iout=10mA
Iout=40mA
Vout-Vin
0.1
1
10
100
1000
0.5
1
1.5
2
2.5
Iout (mA)
Vin=0.9V
1.1V
1.3V
Vout-Iout
1.5V
0.1
1
10
100
1000
40
50
60
70
80
90
100
Iout (mA)
Vin=0.9V
1.1V
1.3V
EFFICIENCY-Iout
1.5V
0 20 40 60 80 100 120 140 160 180 200
0
20
40
60
80
100
Iout (mA)
Vin=0.9V
1.1V
1.3V
RIPPLE VOLTAGE-Iout
1.5V
■Typical characteristics (ELM91xx1xA)
• ELM91181xA(L=100μH, Cin=Cout=47μF, D=MA2Z748, Top=25°C)
22 -
ELM91xxxxA CMOS PFM Step-up DC/DC converter and controller


Similar Part No. - ELM91333CA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM91 ELM-ELM91 Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter and controller
logo
ELM Technology Corporat...
ELM91 ELM-TECH-ELM91 Datasheet
1Mb / 22P
   PFM Step-up DC/DC converter and controller
ELM91-SERIES ELM-TECH-ELM91-SERIES Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter
ELM915BA ELM-TECH-ELM915BA Datasheet
635Kb / 6P
   54V 1A switching LED driver
logo
ELM Electronics
ELM915BA ELM-ELM915BA Datasheet
669Kb / 6P
   50V 1A switching LED driver
More results

Similar Description - ELM91333CA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM91 ELM-ELM91 Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter and controller
logo
ELM Technology Corporat...
ELM91 ELM-TECH-ELM91 Datasheet
1Mb / 22P
   PFM Step-up DC/DC converter and controller
ELM94-SERIES ELM-TECH-ELM94-SERIES Datasheet
678Kb / 6P
   CMOS PFM step-up DC/DC converter
ELM9427B-S ELM-TECH-ELM9427B-S Datasheet
82Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Electronics
ELM94 ELM-ELM94 Datasheet
896Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM91-SERIES ELM-TECH-ELM91-SERIES Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com